Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LL41-GS18 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # LL41-GS18
Description  Small Signal Schottky Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LL41-GS18 Datasheet(HTML) 2 Page - Vishay Siliconix

  LL41-GS18 Datasheet HTML 1Page - Vishay Siliconix LL41-GS18 Datasheet HTML 2Page - Vishay Siliconix LL41-GS18 Datasheet HTML 3Page - Vishay Siliconix LL41-GS18 Datasheet HTML 4Page - Vishay Siliconix LL41-GS18 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
2
Document Number 85671
Rev. 1.6, 05-Aug-10
LL41
Vishay Semiconductors
For technical questions within your region, please contact one of the following:
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Thermal Characteristics
Tamb = 25 °C, unless otherwise specified
1) Valid provided that electrodes are kept at ambient temperature
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
2) Pulse test, t
p = 300 µs
Typical Characteristics
Tamb = 25 °C, unless otherwise specified
Parameter
Test condition
Symbol
Value
Unit
Thermal resistance junction to ambient air
RthJA
3001)
K/W
Junction temperature
Tj
125
°C
Ambient operating temperature range
Tamb
- 65 to + 125
°C
Storage temperature range
Tstg
- 65 to + 150
°C
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Reverse breakdown voltage2)
IR = 100 µA
V(BR)
100
110
V
Leakage current2)
VR = 50 V, Tj = 25 °C
IR
100
nA
VR = 50 V, Tj = 100 °C
IR
20
µA
Forward voltage2)
IF = 1 mA
VF
400
450
mV
IF = 200 mA
VF
1000
mV
Diode capacitance
VR = 1 V, f = 1 MHz
CD
2pF
Figure 1. Admissible Power Dissipation vs. Ambient Temperature
20225
Tamb - Ambient Temperature (°C)
0
50
100
150
200
250
0
50
100
150
Figure 2. Typical Reverse Characteristics
100000
10000
1000
100
10
1
20226
VR - Reverse Voltage (V)
0
1020 3040506070 80 90 100
25 °C
T = 125 °C
100 °C
75 °C
50 °C
j



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com