Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRB3045CTTRLPBF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MBRB3045CTTRLPBF
Description  Schottky Rectifier, 2 x 15 A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBRB3045CTTRLPBF Datasheet(HTML) 1 Page - Vishay Siliconix

  MBRB3045CTTRLPBF Datasheet HTML 1Page - Vishay Siliconix MBRB3045CTTRLPBF Datasheet HTML 2Page - Vishay Siliconix MBRB3045CTTRLPBF Datasheet HTML 3Page - Vishay Siliconix MBRB3045CTTRLPBF Datasheet HTML 4Page - Vishay Siliconix MBRB3045CTTRLPBF Datasheet HTML 5Page - Vishay Siliconix MBRB3045CTTRLPBF Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Document Number: 94310
For technical questions, contact: diodestech@vishay.com
www.vishay.com
Revision: 16-Mar-10
1
Schottky Rectifier, 2 x 15 A
VS-MBRB30..CTPbF, VS-MBR30..CT-1PbF Series
Vishay High Power Products
FEATURES
• 150 °C TJ operation
• Low forward voltage drop
• High frequency operation
• Center tap D2PAK and TO-262 packages
• High
purity,
high
temperature
epoxy
encapsulation
for
enhanced
mechanical
strength and moisture resistance
• Guard ring for enhanced ruggedness and long
term reliability
• Meets MSL level 1, per J-STD-020, LF maximum peak of
260 °C
• Halogen-free according to IEC 61249-2-21 definition
• Compliant to RoHS directive 2002/95/EC
• AEC-Q101 qualified
DESCRIPTION
This center tap Schottky rectifier has been optimized for low
reverse leakage at high temperature. The proprietary barrier
technology allows for reliable operation up to 150 °C
junction temperature. Typical applications are in switching
power supplies, converters, freewheeling diodes, and
reverse battery protection.
PRODUCT SUMMARY
IF(AV)
2 x 15 A
VR
35 V/45 V
IRM
100 mA at 125 °C
VS-MBRB30..CTPbF
D2PAK
TO-262
VS-MBR30..CT-1PbF
Base
common
cathode
Anode
Anode
Common
cathode
1
3
2
2
Base
common
cathode
Anode
Anode
Common
cathode
1
3
2
2
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IF(AV)
Rectangular waveform (per device)
30
A
IFRM
TC = 123 °C (per leg)
30
VRRM
35/45
V
IFSM
tp = 5 μs sine
1020
A
VF
20 Apk, TJ = 125 °C
0.6
V
TJ
Range
- 65 to 150
°C
VOLTAGE RATINGS
PARAMETER
SYMBOL
VS-MBRB3035CTPbF
VS-MBR3035CT-1PbF
VS-MBRB3045CTPbF
VS-MBR3045CT-1PbF
UNITS
Maximum DC reverse voltage
VR
35
45
V
Maximum working peak reverse voltage
VRWM
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average
forward current
per leg
IF(AV)
TC = 123 °C, rated VR
15
A
per device
30
Peak repetitive forward current per leg
IFRM
Rated VR, square wave, 20 kHz, TC = 123 °C
30
Non-repetitive peak surge current
IFSM
5 μs sine or 3 μs
rect. pulse
Following any rated load condition
and with rated VRRM applied
1020
Surge applied at rated load conditions halfwave,
single phase, 60 Hz
200
Non-repetitive avalanche energy per leg
EAS
TJ = 25 °C, IAS = 2 A, L = 5 mH
10
mJ
Repetitive avalanche current per leg
IAR
Current decaying linearly to zero in 1 μs
Frequency limited by TJ maximum VA = 1.5 x VR typical
2A


Similar Part No. - MBRB3045CTTRLPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBRB3045CTTRLPBF VISHAY-MBRB3045CTTRLPBF Datasheet
129Kb / 6P
Schottky Rectifier, 2 x 15 A
14-Aug-08
More results

Similar Description - MBRB3045CTTRLPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
STPS30L30CGPBF VISHAY-STPS30L30CGPBF_10 Datasheet
103Kb / 6P
Schottky Rectifier, 2 x 15 A
16-Mar-10
30CPQ080GPBF VISHAY-30CPQ080GPBF_12 Datasheet
182Kb / 7P
Schottky Rectifier, 2 x 15 A
02-Dec-11
30CTQ080PBF VISHAY-30CTQ080PBF_12 Datasheet
174Kb / 7P
Schottky Rectifier, 2 x 15 A
26-Aug-11
MBR3035WTPBF VISHAY-MBR3035WTPBF_12 Datasheet
162Kb / 7P
Schottky Rectifier, 2 x 15 A
30-Aug-11
VS-32CTQ025PBF VISHAY-VS-32CTQ025PBF_15 Datasheet
113Kb / 6P
Schottky Rectifier, 2 x 15 A
11-Oct-11
32CTQS VISHAY-32CTQS Datasheet
122Kb / 6P
Schottky Rectifier, 2 x 15 A
21-Aug-08
VS-25CTQPBF VISHAY-VS-25CTQPBF Datasheet
171Kb / 7P
Schottky Rectifier, 2 x 15 A
26-Aug-11
VS-30CPQ0.0PBF VISHAY-VS-30CPQ0.0PBF Datasheet
170Kb / 7P
Schottky Rectifier, 2 x 15 A
01-Sep-11
VS-30L30CTPBF VISHAY-VS-30L30CTPBF Datasheet
150Kb / 7P
Schottky Rectifier, 2 x 15 A
26-Aug-11
VS-30CTQ0-N3 VISHAY-VS-30CTQ0-N3 Datasheet
170Kb / 7P
Schottky Rectifier, 2 x 15 A
11-Oct-11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com