Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P404 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # P404
Description  Passivated Assembled Circuit Elements, 40 A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P404 Datasheet(HTML) 2 Page - Vishay Siliconix

  P404 Datasheet HTML 1Page - Vishay Siliconix P404 Datasheet HTML 2Page - Vishay Siliconix P404 Datasheet HTML 3Page - Vishay Siliconix P404 Datasheet HTML 4Page - Vishay Siliconix P404 Datasheet HTML 5Page - Vishay Siliconix P404 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
For technical questions, contact: indmodules@vishay.com
Document Number: 93755
2
Revision: 05-Nov-09
P400 Series
Vishay High Power Products
Passivated Assembled
Circuit Elements, 40 A
ON-STATE CONDUCTION
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum DC output current
at case temperature
IO
Full bridge circuits
40
A
80
°C
Maximum peak, one-cycle
non-repetitive on-state or
forward current
ITSM,
IFSM
t = 10 ms
No voltage
reapplied
Sinusoidal half wave,
initial TJ = TJ maximum
385
A
t = 8.3 ms
400
t = 10 ms
100 % VRRM
reapplied
325
t = 8.3 ms
340
Maximum I2t for fusing
I2t
t = 10 ms
No voltage
reapplied
745
A2s
t = 8.3 ms
680
t = 10 ms
100 % VRRM
reapplied
530
t = 8.3 ms
480
Maximum I2
√t for fusing
I2
√t
t = 0.1 ms to 10 ms, no voltage reapplied
I2t for time tx = I2
√t · √tx
7450
A2
√s
Low level value of threshold voltage
VT(TO)1
(16.7 % x
π x IT(AV) < I < π x IT(AV)), TJ = TJ maximum
0.83
V
High level value of threshold voltage
VT(TO)2
(I >
π x IT(AV)), TJ = TJ maximum
1.03
Low level value of on-state slope resistance
rt1
(16.7 % x
π x IT(AV) < I < π x IT(AV)), TJ = TJ maximum
9.61
m
Ω
High level value of on-state slope resistance
rt2
(I >
π x IT(AV)), TJ = TJ maximum
7.01
Maximum on-state voltage drop
VTM
ITM =
π x IT(AV)
TJ = 25 °C
1.4
V
Maximum forward voltage drop
VFM
IFM =
π x IF(AV)
Maximum non-repetitive rate of rise of
turned-on current
dI/dt
TJ = 125 °C from 0.67 VDRM
ITM =
π x IT(AV), Ig = 500 mA, tr < 0.5 μs, tp > 6 μs
200
A/μs
Maximum holding current
IH
TJ = 25 °C anode supply = 6 V, resistive load
130
mA
Maximum latching current
IL
250
BLOCKING
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum critical rate of rise of
off-state voltage
dV/dt
TJ = 125 °C, exponential to 0.67 VDRM gate open
200
V/μs
Maximum peak reverse and off-state
leakage current at VRRM, VDRM
IRRM,
IDRM
TJ = 125 °C, gate open circuit
10
mA
Maximum peak reverse leakage current
IRRM
TJ = 25 °C
100
μA
RMS isolation voltage
VISOL
50 Hz, circuit to base, all terminals shorted,
TJ = 25 °C, t = 1 s
2500
V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com