Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABLJO Datasheet(PDF) 2 Page - Abracon Corporation

Part # ABLJO
Description  LOW JITTER CRYSTAL OSCILLATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABLJO Datasheet(HTML) 2 Page - Abracon Corporation

  ABLJO Datasheet HTML 1Page - Abracon Corporation ABLJO Datasheet HTML 2Page - Abracon Corporation ABLJO Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
||| | | | | ||| | | | | |
ABLJO
RoHS
Compliant
LOW JITTER CRYSTAL OSCILLATOR
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
Pb
9.2 x 14.8 x 5.5 mm SMT
STANDARD SPECIFICATIONS - continued
TYPICAL PHASE NOISE PERFORMANCE @ 156.25MHZ CARRIER
OPTIONS AND PART IDENTIFICATION:
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Revised: 05.31.11
Visit www.abracon.com for Terms & Conditions of Sale
Parameters
Minimum
Typical
Maximum
Units
Notes
Electrical Frequency Adjustment
Control Voltage Range (Vc)
0.0
3.30
Volts
Frequency Pull Range
±45.00
ppm
Frequency Pull Slope
Positive
Control Voltage Port Impedance
10
kΩ
Center Control Voltage
1.45
1.65
1.85
Volts
Control Port Linearity
±10
%
ABLJO -
- Frequency (MHz) -
Frequency Pull Option
Blank
XO (Fixed Frequency
V
VCXO (±45 ppm min.)
Tape & Reel Options
Blank
< 250 units on cut tape
T
1,000 units per reel
T2
250 units per reel



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com