Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI7461DP Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI7461DP
Description  P-Channel 60-V (D-S) MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7461DP Datasheet(HTML) 2 Page - Vishay Siliconix

  SI7461DP Datasheet HTML 1Page - Vishay Siliconix SI7461DP Datasheet HTML 2Page - Vishay Siliconix SI7461DP Datasheet HTML 3Page - Vishay Siliconix SI7461DP Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Vishay Siliconix
SPICE Device Model Si7461DP
SPECIFICATIONS (TJ = 25°C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Simulated
Data
Measured
Data
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = −250 µA
1.9
V
On-State Drain Current
a
ID(on)
VDS = −5 V, VGS = −10 V
442
A
VGS = −10 V, ID = −14.4 A
0.011
0.0115
Drain-Source On-State Resistance
a
rDS(on)
VGS = −4.5 V, ID = −12.6 A
0.014
0.015
Ω
Forward Transconductance
a
gfs
VDS = −15 V, ID = −14.4 A
45
31
S
Diode Forward Voltage
a
VSD
IS = −4.5 A, VGS = 0 V
−0.84
−0.80
V
Dynamic
b
Total Gate Charge
Qg
117
127
Gate-Source Charge
Qgs
20
20
Gate-Drain Charge
Qgd
VDS = −30 V, VGS = −10 V, ID = −14.4 A
54
54
nC
Turn-On Delay Time
td(on)
22
20
Rise Time
tr
21
20
Turn-Off Delay Time
td(off)
192
205
Fall Time
tf
VDD = −30 V, RL = 30 Ω
ID ≅ −1 A, VGEN = −10 V, RG = 6 Ω
68
190
ns
Notes
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2%.
b. Guaranteed by design, not subject to production testing.
2
www.vishay.com
Document Number: 72624
S-52519
Rev. B, 12-Dec-05



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com