Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Si9174DM Datasheet(PDF) 2 Page - Vishay Siliconix

Part # Si9174DM
Description  High Performance Step-Down DC-DC Converter With Dynamically Adjustable Output Voltage
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

Si9174DM Datasheet(HTML) 2 Page - Vishay Siliconix

  Si9174DM Datasheet HTML 1Page - Vishay Siliconix Si9174DM Datasheet HTML 2Page - Vishay Siliconix Si9174DM Datasheet HTML 3Page - Vishay Siliconix Si9174DM Datasheet HTML 4Page - Vishay Siliconix Si9174DM Datasheet HTML 5Page - Vishay Siliconix Si9174DM Datasheet HTML 6Page - Vishay Siliconix Si9174DM Datasheet HTML 7Page - Vishay Siliconix Si9174DM Datasheet HTML 8Page - Vishay Siliconix Si9174DM Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Si9174
Vishay Siliconix
www.vishay.com
2
Document Number: 71668
S-41148—Rev. C, 14-jun-04
ABSOLUTE MAXIMUM RATINGS
Voltages Referenced to AGND = 0 V
VIN, VDD
6.2 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lx, SD, MODE, FB, DAC, SYNC
−0.3 to 6.2 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(or to VDD )0.3 V whichever is less)
GND
−0.3 to +0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
ESD Rating
2 kV
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature
−65 to 125_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature
150_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation (Package)a
10-pin MSOPb
481 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
10-pin MLP33
915 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Impedance (QJA)
10-Pin MSOP
135_C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
10-Pin MLP33
71_C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak Inductor Current
1.8 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Notes
a.
Device mounted with all leads soldered or welded to PC board.
b.
Derate 7.4 mW/_C above 85_C.
c.
Derate 14 mW/_C above 85_C.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING RANGE
VIN Range
2.6 V to 5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
CIN
10 mF Ceramic
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
COUT
4.7 mF Ceramic
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Inductor
2.2 mH
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Load Current PWM Mode
0 to 600 mA
. . . . . . . . . . . . . . . . . . . . . .
Operating Load Current PSM Mode
0 to 150 mA
. . . . . . . . . . . . . . . . . . . . . . .
SPECIFICATIONS
Parameter
Test Conditions Unless Specified
40_C to 85_C VIN = VDD VDAC = 1 215 V CIN = 10 mF
Limits
Modef
Symbol
−40_C to 85_C, VIN = VDD, VDAC = 1.215 V, CIN = 10 mF,
COUT = 4.7 mF, L = 2.2 mH, 2.6 V v VIN v 5.5 V
R1 = 11.3 kW, R2 = 20 kW
Mina
Typb
Maxa
Unit
Under Voltage Lockout (UVLO)
Under Voltage Lockout (turn-on)
VIN rising
2.3
2.5
V
Hysteresis
0.1
V
Shutdown (SD)
Logic HIGH
VSDH
1.6
V
Logic LOW
VSDL
0.4
V
Delay to Outputc
t
Settle Within $2% accuracy SD rising
RL = 3.3 W
100
ms
Delay to Outputc
ten
Settle Within $2% accuracy SD rising
tr < 1 ms
RL = 51 W
100
ms
Pull Down
ISD
Input at VIN
mA
Mode Selection Tri-Level Logic (MODE)
MODE Pin HIGH
PWM
VIN −0.4
VIN
V
MODE Pin LOW
Auto
0.4
V
Mode Pin Input Current
MODE = GND
−5
mA
Mode Pin Input Current
MODE = VIN
5
mA
Oscillator
Frequency
fOSC
1.6
2
2.4
MHz
External Clock Synchronization (SYNC)
Frequency
SYNC Input = 500 mVp-p
13
MHz
Ac Coupled Sinewave
Frequency = 13 MHz
0.2
0.8
Vp-p
Error Amplifier (FB, DAC Pin)
FB Voltage Accuracy
VDAC
−20
VDAC
+20
mV
DAC Input Voltage Range
VIN > 2.6, VIN − VDAC > 0.5 V
0.28
2.45
V
Input Bias Current FB, DAC
IFBDAC
VFB = 1.25 V
−1
0.01
1
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com