| Electronic Components Datasheet Search |
|
AM1806 Datasheet(PDF) 2 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM1806 Datasheet(HTML) 2 Page - Texas Instruments |
|
2 / 244 page ![]() AM1806 SPRS658C – FEBRUARY 2010 – REVISED APRIL 2011 www.ti.com • Two Multichannel Buffered Serial Ports: • One 64-bit General-Purpose/Watchdog Timer (Configurable as Two 32-bit General-Purpose – Transmit/Receive Clocks Timers) – Supports TDM, I2S, and Similar Formats • Two Enhanced Pulse Width Modulators – AC97 Audio Codec Interface (eHRPWM): – Telecom Interfaces (ST-Bus, H100) – Dedicated 16-Bit Time-Base Counter With – 128-channel TDM Period And Frequency Control – FIFO buffers for Transmit and Receive – 6 Single Edge, 6 Dual Edge Symmetric or 3 • Video Port Interface (VPIF): Dual Edge Asymmetric Outputs – Two 8-bit SD (BT.656), Single 16-bit or Single – Dead-Band Generation Raw (8-/10-/12-bit) Video Capture Channels – PWM Chopping by High-Frequency Carrier – Two 8-bit SD (BT.656), Single 16-bit Video – Trip Zone Input Display Channels • Three 32-Bit Enhanced Capture Modules • Universal Parallel Port (uPP): (eCAP): – High-Speed Parallel Interface to FPGAs and – Configurable as 3 Capture Inputs or 3 Data Converters Auxiliary Pulse Width Modulator (APWM) – Data Width on Each of Two Channels is 8- to outputs 16-bit Inclusive – Single Shot Capture of up to Four Event – Single Data Rate or Dual Data Rate Transfers Time-Stamps – Supports Multiple Interfaces with START, • 361-Ball Pb-Free Plastic Ball Grid Array (PBGA) ENABLE and WAIT Controls [ZCE Suffix], 0.65-mm Ball Pitch • Real-Time Clock With 32 KHz Oscillator and • 361-Ball Pb-Free Plastic Ball Grid Array (PBGA) Separate Power Rail [ZWT Suffix], 0.80-mm Ball Pitch • Three 64-Bit General-Purpose Timers (Each • Commercial or Extended Temperature configurable as Two 32-Bit Timers) 2 AM1806 ARM Microprocessor Copyright © 2010–2011, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s): AM1806 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |