Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIC413DB Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SIC413DB
Description  microBUCK SiC413 4-A, 26-V Integrated Synchronous Buck Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC413DB Datasheet(HTML) 3 Page - Vishay Siliconix

  SIC413DB Datasheet HTML 1Page - Vishay Siliconix SIC413DB Datasheet HTML 2Page - Vishay Siliconix SIC413DB Datasheet HTML 3Page - Vishay Siliconix SIC413DB Datasheet HTML 4Page - Vishay Siliconix SIC413DB Datasheet HTML 5Page - Vishay Siliconix SIC413DB Datasheet HTML 6Page - Vishay Siliconix SIC413DB Datasheet HTML 7Page - Vishay Siliconix SIC413DB Datasheet HTML 8Page - Vishay Siliconix SIC413DB Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Document Number: 69057
S09-2250-Rev. D, 26-Oct-09
www.vishay.com
3
Vishay Siliconix
SiC413
Notes:
a. TA = 25 °C and all voltages referenced to GND unless otherwise noted.
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is
not implied. Exposure to absolute maximum rating/conditions for extended periods may affect device reliability.
Notes:
b. Recommended operating conditions are specified over the entire temperature range, and all voltages referenced to GND unless otherwise
noted.
c. Peak value is specified for pulses
≤ 100 ns.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
a
Parameter
Symbol
Min.
Max.
Unit
Input Breakdown Voltage
VIN
- 0.3
28
V
Common Switch Node Breakdown Voltage
VSW DC
- 1
28
VSW Peak
c
-1
30
Logic Inputs
VCOMP, VFB, VEN
- 0.3
6
Bootstrap Voltage
VBOOT
- 0.3
33
Maximum Power Dissipation
PD
1.5
W
Operating Temperature
Tj
- 25
125
°C
Storage Junction Temperature
Tstg
- 40
150
Soldering Peak Temperature
260
RECOMMENDED OPERATING CONDITIONSb
Parameter
Symbol
Min.
Typ.
Max.
Unit
Input Voltage
VIN
4.75
12
26
V
Logic Inputs
VCOMP,
VFB, VEN
4.5
5
5.5
Common Switch Node
VSW DC
- 0.3
12
26
VSW peak
c
- 0.3
24
28
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typ.
Unit
Junction-to-Case Resistance
In Operation, Max. Junction
RthJC
Contact Vishay for
thermal design
assistance
°C/W
Junction-to-Ambient Resistance
PCB = Copper 25 mm x 25 mm
RthJA
Case Top to Board Edge
PCB = EVBSiC413 Rev. 3.0; No Forced Airflow
RthCA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com