Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIP2805 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SIP2805
Description  Low Power Consumption Current Mode Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP2805 Datasheet(HTML) 1 Page - Vishay Siliconix

  SIP2805 Datasheet HTML 1Page - Vishay Siliconix SIP2805 Datasheet HTML 2Page - Vishay Siliconix SIP2805 Datasheet HTML 3Page - Vishay Siliconix SIP2805 Datasheet HTML 4Page - Vishay Siliconix SIP2805 Datasheet HTML 5Page - Vishay Siliconix SIP2805 Datasheet HTML 6Page - Vishay Siliconix SIP2805 Datasheet HTML 7Page - Vishay Siliconix SIP2805 Datasheet HTML 8Page - Vishay Siliconix SIP2805 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Vishay Siliconix
SiP2800, SiP2801, SiP2802, SiP2803, SiP2804, SiP2805
Document Number: 72660
S11-0598-Rev. E, 25-Apr-11
www.vishay.com
1
This datasheet is subject to change without notice.
THE PRODUCT DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Low Power Consumption Current Mode Controller
FEATURES
•
Pin-for-pin compatible with UCC280X
controllers
•
Enhanced performance UC284X
for new designs
•
100 µA typical start-up current
•
500 µA typical operating current
•
Internal soft start at power-on and after fault
•
100 ns internal leading edge blanking
•
Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
•
Efficiency-enhanced DC/DC converter modules
•
Low quiescent current standby power supplies
•
Offline (AC/DC) power supplies
•
Universal input power supplies
•
Buck, boost, and buck-boost converters
DESCRIPTION
The SiP280X family includes six high-speed, low power
consumption, BiCMOS Current Mode Controllers. These
integrated circuits contain all of the control and drive
functions required for off-line and DC/DC current-mode
switching power supplies. Their advanced architecture
enables the implementation of full-featured designs with
minimal external parts count.
The SiP280X family controllers is available in lead (Pb)-free,
SO-8 packages, and are rated for operation over the
industrial temperature range of - 40 °C to 85 °C.
Part Number
Maximum Duty Cycle
Reference Voltage
Turn-On Threshold
Turn-Off Threshold
SiP2800
100 %
5 V
7.2 V
6.9 V
SiP2801
50 %
5 V
9.4 V
7.4 V
SiP2802
100 %
5 V
12.5 V
8.3 V
SiP2803
100 %
4 V
4.1 V
3.6 V
SiP2804
50 %
5 V
12.5 V
8.3 V
SiP2805
50 %
4 V
4.1 V
3.6 V
TYPICAL APPLICATION CIRCUIT
* Pb containing terminations are not RoHS compliant, exemptions may apply.
VCC
REF
GND
RC
OUT
+ 48 V
GND
COMP
FB
CS
SiP2801
12 V/3 A
+
+
+
Flyback Converter for Point of Load Application


Similar Part No. - SIP2805

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP2805 VISHAY-SIP2805 Datasheet
93Kb / 8P
Low Power Consumption Current Mode Controller
30-Aug-04
SIP2805 VISHAY-SIP2805 Datasheet
161Kb / 11P
Low Power Consumption Current Mode Controller
25-Apr-11
SIP2805DY-T1 VISHAY-SIP2805DY-T1 Datasheet
161Kb / 11P
Low Power Consumption Current Mode Controller
25-Apr-11
More results

Similar Description - SIP2805

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28C40 TI-UCC28C40 Datasheet
296Kb / 19P
BICMOS LOW POWER CURRENT MODE PWM CONTROLLER
logo
Vishay Siliconix
SIP2800 VISHAY-SIP2800 Datasheet
93Kb / 8P
Low Power Consumption Current Mode Controller
30-Aug-04
logo
ATMEL Corporation
ATA6612 ATMEL-ATA6612_10 Datasheet
6Mb / 364P
Very Low Current Consumption in Sleep Mode
logo
Texas Instruments
UCC28C40 TI-UCC28C40_11 Datasheet
759Kb / 32P
BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C43DGKR TI1-UCC28C43DGKR Datasheet
894Kb / 32P
BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C45DR TI1-UCC28C45DR Datasheet
894Kb / 32P
BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C40 TI1-UCC28C40_12 Datasheet
894Kb / 32P
BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C40 TI1-UCC28C40_14 Datasheet
1Mb / 34P
BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
logo
ON Semiconductor
NCP1256 ONSEMI-NCP1256 Datasheet
398Kb / 24P
Low Power Offline PWM Current Mode Controller
December, 2015 ??Rev. 3
logo
Vishay Siliconix
SIP2800 VISHAY-SIP2800_V01 Datasheet
161Kb / 11P
Low Power Consumption Current Mode Controller
25-Apr-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com