Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIP12401 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SIP12401
Description  Boost Controller For Double AA Cell or Li-Ion Battery For White LED Application
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP12401 Datasheet(HTML) 5 Page - Vishay Siliconix

  SIP12401 Datasheet HTML 1Page - Vishay Siliconix SIP12401 Datasheet HTML 2Page - Vishay Siliconix SIP12401 Datasheet HTML 3Page - Vishay Siliconix SIP12401 Datasheet HTML 4Page - Vishay Siliconix SIP12401 Datasheet HTML 5Page - Vishay Siliconix SIP12401 Datasheet HTML 6Page - Vishay Siliconix SIP12401 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Document Number: 73193
S-71822-Rev. C, 03-Sep-07
www.vishay.com
5
Vishay Siliconix
SiP12401
TYPICAL CHARACTERISTICS
Maximum PWM Duty Cycle vs. Temperature
Feedback Voltage vs. Temperature
80
81
82
83
84
85
- 50
- 30
- 10
1030
507090
Temperature (°C)
-4
-3
-2
-1
0
1
2
3
4
-50
- 30
-10
10
30
50
70
90
VIN = 5 V
Temperature (°C)
VIN = 2 V
Supply Current vs. Temperature
Shutdown Threshold vs. Temperature
180
185
190
195
200
205
210
215
220
-50
- 30
-10
10
30
50
70
90
Temperature (°C)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
-50
- 30
-10
10
30
50
70
90
Temperature (°C)
VIN = 5 V
VIN = 2 V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com