Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIP12502 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SIP12502
Description  500 mA - Fixed Output Boost Converter for Single or Dual Cell
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP12502 Datasheet(HTML) 3 Page - Vishay Siliconix

  SIP12502 Datasheet HTML 1Page - Vishay Siliconix SIP12502 Datasheet HTML 2Page - Vishay Siliconix SIP12502 Datasheet HTML 3Page - Vishay Siliconix SIP12502 Datasheet HTML 4Page - Vishay Siliconix SIP12502 Datasheet HTML 5Page - Vishay Siliconix SIP12502 Datasheet HTML 6Page - Vishay Siliconix SIP12502 Datasheet HTML 7Page - Vishay Siliconix SIP12502 Datasheet HTML 8Page - Vishay Siliconix SIP12502 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Document Number: 73578
S09-1456-Rev. B, 03-Aug-09
www.vishay.com
3
Vishay Siliconix
SiP12502
Notes:
a. Full = - 40 °C to 85 °C.
b. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum (- 40 °C to 85 °C).
c. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
d. Minimum operating voltage is determined by the battery’s capability to provide energy as it is deeply discharged.
e. Vnom equals voltage output for part selected.
SPECIFICATIONS
Parameter
Symbol
Test Conditions Unless Specified
VIN = 1.2 V, VOUT = Vnom
e, T
A = 25 °C
Temp.a
Limits
Unit
Min.b
Typ.c
Max.b
Supply Current 1
IOUT1
VOUT = Vnom X 0.95
Full
330
620
µA
Supply Current 2
IOUT2
VOUT = 6 V, Vnom + 0.6 V, VLX > VIN
150
Supply Current 3
IOUT3
VOUT = Vnom + 0.5 V, VLX < VIN
75
Stand-By Current
ISTB
XSHD = 0 V, not including switch leakage
Full
1
NMOS Switch Leakage
ILEAK
LX = 5 V
12
Full
10
NMOS Switch On Resistance
RDS(on)
VOUT = 3.3 V
0.2
Ω
PWM to PFM Current Threshold
IWTOF
3
mA
PFM to PWM Current Threshold
IFTOF
22
XSHD Input High Level
VXSHDH
0.8 V
≤ V
IN ≤ 0.9 V
Full
0.55
V
0.9 V < VIN ≤ 2 V
Full
0.8
2 V < VIN ≤ 5 V
Full
1.2
XSHD Input Low Level
VXSHDL
Full
0.2
Softstart Time
tSTART
ViN = 1.8 V
1.6
ms
Over Voltage Threshold
VOV
110
%
Over Voltage Hysteresis
VOVHYST
10
Thermal Shutdown
TSHD
160
°C
Thermal Shutdown Hysteresis
THYST
20
PGOOD Threshold
VPGOOD
85
90
95
%
PGOOD Hysteresis
VPGOODHYST
2
PGOOD Output Voltage Low
PGGOODL
VOUT = 3.3 V, IPGOOD = 1 mA
Full
0.15
0.2
V
PGOOD Output Leakage Current
PGGOOD
VPGOOD = 5 V
Full
0.01
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com