Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIP32452 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SIP32452
Description  1 V, 55 m Ohm Load Switch in MICRO FOOT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP32452 Datasheet(HTML) 3 Page - Vishay Siliconix

  SIP32452 Datasheet HTML 1Page - Vishay Siliconix SIP32452 Datasheet HTML 2Page - Vishay Siliconix SIP32452 Datasheet HTML 3Page - Vishay Siliconix SIP32452 Datasheet HTML 4Page - Vishay Siliconix SIP32452 Datasheet HTML 5Page - Vishay Siliconix SIP32452 Datasheet HTML 6Page - Vishay Siliconix SIP32452 Datasheet HTML 7Page - Vishay Siliconix SIP32452 Datasheet HTML 8Page - Vishay Siliconix SIP32452 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Document Number: 63315
S11-1695-Rev. B, 22-Aug-11
www.vishay.com
3
Vishay Siliconix
SiP32452, SiP32453
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes:
a. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum.
b. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
c. For VIN outside this range consult typical EN threshold curve.
SPECIFICATIONS
Parameter
Symbol
Test Conditions Unless Specified
VIN = 1 V, TA = - 40 °C to 85 °C
(Typical values are at TA = 25 °C)
Limits
Unit
Min.a
Typ.b
Max.a
Operating Voltagec
VIN
0.9
-
2.5
V
Quiescent Current
IQ
VIN = 1.2 V, VEN = VIN, OUT = open
-10
15
µA
VIN = 2.5 V, VEN = VIN, OUT = open
-34
60
Off Supply Current
IQ(off)
EN = GND, OUT = open
-
-
1
Off Switch Current
IDS(off)
EN = GND, OUT = 0 V
-
-
30
Reverse Blocking Current
IRB
VOUT = 2.5 V, VIN = 0.9 V, VEN = 0 V
-
0.001
10
On-Resistance
RDS(on)
VIN = 1 V, IL = 200 mA, TA = 25 °C
-56
65
m
VIN = 1.2 V, IL = 200 mA, TA = 25 °C
-55
65
VIN = 1.8 V, IL = 200 mA, TA = 25 °C
-54
65
VIN = 2.5 V, IL = 200 mA, TA = 25 °C
-54
65
On-Resistance Temp.-Coefficient
TCRDS
-
3900
-
ppm/°C
EN Input Low Voltagec
VIL
VIN = 1 V
--
0.1
V
EN Input High Voltagec
VIH
VIN = 2.5 V
1.5
-
-
EN Input Leakage
IEN
VIN = 2.5 V, VEN = 0 V
--
1
µA
VIN = 2.5 V, VEN = 2.5 V
-10
15
Output Turn-On Delay Time
td(on)
Both, VIN = 1.2 V
RLOAD = 10 ,
CL = 0.1 µF
TA = 25 °C
-0.4
1
µs
Both, VIN = 2.5 V
-0.05
1
Output Turn-On Rise Time
tr
Both, VIN = 1.2 V
10
20
30
Both, VIN = 2.5 V
59.8
20
Output Turn-Off Delay Time
td(off)
SiP32452, VIN = 1.2 V
-0.25
1
SiP32452, VIN = 2.5 V
-0.15
1
SiP32453, VIN = 1.2 V
30
98
150
SiP32453, VIN = 2.5 V
30
86
150



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com