Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL70001SEH Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL70001SEH
Description  Rad Hard and SEE Hard 6A Synchronous Buck Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL70001SEH Datasheet(HTML) 2 Page - Intersil Corporation

  ISL70001SEH Datasheet HTML 1Page - Intersil Corporation ISL70001SEH Datasheet HTML 2Page - Intersil Corporation ISL70001SEH Datasheet HTML 3Page - Intersil Corporation ISL70001SEH Datasheet HTML 4Page - Intersil Corporation ISL70001SEH Datasheet HTML 5Page - Intersil Corporation ISL70001SEH Datasheet HTML 6Page - Intersil Corporation ISL70001SEH Datasheet HTML 7Page - Intersil Corporation ISL70001SEH Datasheet HTML 8Page - Intersil Corporation ISL70001SEH Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
ISL70001SEH
2
FN7956.0
November 30, 2011
Functional Block Diagram
POWER-ON
RESET (POR)
PWM
REFERENCE
0.6V
SOFT
START
COMPENSATION
EA
GM
SLOPE
COMPENSATION
GATE
DRIVE
CURRENT
SENSE
LXx
PVINx
CONTROL
LOGIC
PWM
FB
UV
PGOOD
POWER-GOOD
PGNDx
SS
M/S
SYNC
PORSEL
REF
TDI
TDO
BIT
ZAP
TRIM
TRIM
Ordering Information
ORDERING NUMBER
PART NUMBER
(Note 2)
TEMP. RANGE
(°C)
PACKAGE
5962R0922502VXC
ISL70001SEHVF (Note 1)
-55 to +125
48 Ld CQFP (Pb-Free)
5962R0922502V9A
ISL70001SEHVX
-55 to +125
Die
ISL70001SRHF/PROTO
ISL70001SRHF/PROTO (Note 1)
-55 to +125
48 Ld CQFP (Pb-Free)
ISL70001SRHX/SAMPLE
ISL70001SRHX/SAMPLE
-55 to +125
Die
ISL70001SRHEVAL1Z
Evaluation Board
NOTES:
1. These Intersil Pb-free Hermetic packaged products employ 100% Au plate - e4 termination finish, which is RoHS compliant and compatible with both
SnPb and Pb-free soldering operations.
2. For Moisture Sensitivity Level (MSL), please see device information page for ISL70001SEH. For more information on MSL, please see Tech Brief
TB363.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com