Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMP11 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SMP11
Description  Surface Mount TRANSZORB Transient Voltage Suppressors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMP11 Datasheet(HTML) 2 Page - Vishay Siliconix

  SMP11 Datasheet HTML 1Page - Vishay Siliconix SMP11 Datasheet HTML 2Page - Vishay Siliconix SMP11 Datasheet HTML 3Page - Vishay Siliconix SMP11 Datasheet HTML 4Page - Vishay Siliconix SMP11 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 88481
57
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 19-Apr-11
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SMP3V3 thru SMP36A
Vishay General Semiconductor
New Product
Notes
(1) VBR measured after IT applied for 300 µs, IT = square wave pulse or equivalent
(2) Surge current waveform per fig. 3 and derate per fig. 2
(3) All terms and symbols are consistent with ANSI/IEEE C62.35
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
DEVICE TYPE
DEVICE
MARKING
CODE
BREAKDOWN
VOLTAGE
VBR AT IT (1)
(V)
TEST
CURRENT
IT
(mA)
STAND-OFF
VOLTAGE VWM
(V)
MAXIMUM
REVERSE
LEAKAGE
AT VWM
ID (A) (3)
MAXIMUM
PEAK PULSE
SURGE
CURRENT
IPPM (A) (2)
MAXIMUM
CLAMPING
VOLTAGE AT
IPPM
VC (V)
MIN.
MAX.
SMP3V3
AC
4.10
5.10
1.0
3.3
200
54.8
7.3
SMP5.0A
AE
6.40
7.07
10
5.0
150
43.5
9.2
SMP6.0A
AG
6.67
7.37
10
6.0
600
38.8
10.3
SMP6.5A
AK
7.22
7.98
10
6.5
100
35.7
11.2
SMP7.0A
AM
7.78
8.60
10
7.0
50
33.3
12.0
SMP7.5A
AN
8.33
9.21
1.0
7.5
50
31.0
12.9
SMP8.0A
AR
8.89
9.83
1.0
8.0
20
29.4
13.6
SMP11
AY
12.2
14.9
1.0
11
1.0
19.9
20.1
SMP11A
AZ
12.2
13.5
1.0
11
1.0
22.0
18.2
SMP12
BD
13.3
16.3
1.0
12
1.0
18.2
22.0
SMP12A
BE
13.3
14.7
1.0
12
1.0
20.1
19.9
SMP13
BF
14.4
17.6
1.0
13
1.0
16.8
23.8
SMP13A
BG
14.4
15.9
1.0
13
1.0
18.6
21.5
SMP14
BH
15.6
19.1
1.0
14
1.0
15.5
25.8
SMP14A
BK
15.6
17.2
1.0
14
1.0
17.2
23.2
SMP15
BL
16.7
20.4
1.0
15
1.0
14.9
26.9
SMP15A
BM
16.7
18.5
1.0
15
1.0
16.4
24.4
SMP16
BN
17.8
21.8
1.0
16
1.0
13.9
28.8
SMP16A
BP
17.8
19.7
1.0
16
1.0
15.4
26.0
SMP17
BQ
18.9
23.1
1.0
17
1.0
13.1
30.5
SMP17A
BR
18.9
20.9
1.0
17
1.0
14.5
27.6
SMP18
BS
20.0
24.4
1.0
18
1.0
12.4
32.2
SMP18A
BT
20.0
22.1
1.0
18
1.0
13.7
29.2
SMP20
BU
22.2
27.1
1.0
20
1.0
11.2
35.8
SMP20A
BV
22.2
24.5
1.0
20
1.0
12.3
32.4
SMP22
BW
24.4
29.8
1.0
22
1.0
10.2
39.4
SMP22A
BX
24.4
26.9
1.0
22
1.0
11.3
35.5
SMP24
BY
26.7
32.6
1.0
24
1.0
9.3
43.0
SMP24A
BZ
26.7
29.5
1.0
24
1.0
10.3
38.9
SMP26
CD
28.9
35.3
1.0
26
1.0
8.6
46.6
SMP26A
CE
28.9
31.9
1.0
26
1.0
9.5
42.1
SMP28
CF
31.1
38.0
1.0
28
1.0
8.0
50.0
SMP28A
CG
31.1
34.4
1.0
28
1.0
8.8
45.4
SMP30
CH
33.3
40.7
1.0
30
1.0
7.5
53.5
SMP30A
CK
33.3
36.8
1.0
30
1.0
8.3
48.4
SMP33
CL
36.7
44.9
1.0
33
1.0
6.8
59.0
SMP33A
CM
36.7
40.6
1.0
33
1.0
7.5
53.3
SMP36
CN
40.0
48.9
1.0
36
1.0
6.2
64.3
SMP36A
CP
40.0
44.2
1.0
36
1.0
6.9
58.1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com