Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS12P4C Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SS12P4C
Description  High Current Density Surface Mount Schottky Barrier Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SS12P4C Datasheet(HTML) 3 Page - Vishay Siliconix

  SS12P4C Datasheet HTML 1Page - Vishay Siliconix SS12P4C Datasheet HTML 2Page - Vishay Siliconix SS12P4C Datasheet HTML 3Page - Vishay Siliconix SS12P4C Datasheet HTML 4Page - Vishay Siliconix SS12P4C Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Document Number: 89141
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 13-May-11
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
3
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SS12P4C
Vishay General Semiconductor
New Product
Fig. 2 - Forward Power Loss Characteristics Per Diode
Fig. 3 - Typical Instantaneous Forward Characteristics Per Diode
Fig. 4 - Typical Reverse Leakage Characteristics Per Diode
Fig. 5 - Typical Junction Capacitance Per Diode
Fig. 6 - Typical Transient IThermal mpedance Per Diode
D = 0.5
Average Forward Current (A)
0
1
2
3
4
5
6
7
3.0
2.8
2.6
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
D = t
p/T
t
p
T
D = 1.0
D = 0.8
D = 0.1
D = 0.2 D = 0.3
0.1
1
10
100
Instantaneous Forward Voltage (V)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
T
A = 25 °C
T
A = 125 °C
T
A = 100 °C
0.01
1
10
100
10
20
30
40
50
60
70
80
90
100
Percent of Rated Peak Reverse Voltage (%)
0.1
T
A = 125 °C
T
A = 100 °C
T
A = 25 °C
100
1000
10 000
0.1
1
10
100
Reverse Voltage (V)
10
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
100
1000
10 000
0.1
1
10
100
Reverse Voltage (V)
10
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com