Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST110S12P2VPBF Datasheet(PDF) 5 Page - Vishay Siliconix

Part # ST110S12P2VPBF
Description  Phase Control Thyristors (Stud Version), 110 A
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST110S12P2VPBF Datasheet(HTML) 5 Page - Vishay Siliconix

  ST110S12P2VPBF Datasheet HTML 1Page - Vishay Siliconix ST110S12P2VPBF Datasheet HTML 2Page - Vishay Siliconix ST110S12P2VPBF Datasheet HTML 3Page - Vishay Siliconix ST110S12P2VPBF Datasheet HTML 4Page - Vishay Siliconix ST110S12P2VPBF Datasheet HTML 5Page - Vishay Siliconix ST110S12P2VPBF Datasheet HTML 6Page - Vishay Siliconix ST110S12P2VPBF Datasheet HTML 7Page - Vishay Siliconix ST110S12P2VPBF Datasheet HTML 8Page - Vishay Siliconix ST110S12P2VPBF Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Document Number: 94393
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 17-Aug-10
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
5
ST110SPbF Series
Phase Control Thyristors
(Stud Version), 110 A
Vishay Semiconductors
Fig. 4 - On-State Power Loss Characteristics
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
Fig. 7 - On-State Voltage Drop Characteristics
25
50
75
100
125
Maximum Allowable Ambient Temperature (°C)
0.3
K/
W
0.4
K/
W
0.6
K/ W
0.8
K/ W
1 K/ W
0.5
K/ W
1.2 K/
W
0
20
40
60
80
100
120
140
160
180
200
220
0
20
40
60
80 100 120 140 160 180
DC
180°
120°
90°
60°
30°
RMS Limit
Conduction Period
Average On-state Current (A)
ST110S Series
T = 125°C
J
1000
1200
1400
1600
1800
2000
2200
2400
110
100
Number Of Equal Amplitude Half Cycle Current Pulses (N)
Initial T = 125°C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
ST110S Series
J
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
1000
1200
1400
1600
1800
2000
2200
2400
2600
2800
0.01
0.1
1
10
Pulse Train Duration (s)
Maximum Non Repetitive Surge Current
Versus Pulse Train Duration. Control
Of Conduction May Not Be Maintained.
Initial T = 125°C
No Voltage Reapplied
Rated V
Reapplied
J
RRM
ST110S Series
Instantaneous On-state Voltage (V)
10
100
1000
10000
0.5
1.5
2.5
3.5
4.5
Tj = 25˚C
Tj = 125˚C
ST110S Series



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com