Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST110S16P2VPBF Datasheet(PDF) 3 Page - Vishay Siliconix

Part # ST110S16P2VPBF
Description  Phase Control Thyristors (Stud Version), 110 A
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST110S16P2VPBF Datasheet(HTML) 3 Page - Vishay Siliconix

  ST110S16P2VPBF Datasheet HTML 1Page - Vishay Siliconix ST110S16P2VPBF Datasheet HTML 2Page - Vishay Siliconix ST110S16P2VPBF Datasheet HTML 3Page - Vishay Siliconix ST110S16P2VPBF Datasheet HTML 4Page - Vishay Siliconix ST110S16P2VPBF Datasheet HTML 5Page - Vishay Siliconix ST110S16P2VPBF Datasheet HTML 6Page - Vishay Siliconix ST110S16P2VPBF Datasheet HTML 7Page - Vishay Siliconix ST110S16P2VPBF Datasheet HTML 8Page - Vishay Siliconix ST110S16P2VPBF Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Document Number: 94393
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 17-Aug-10
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
3
ST110SPbF Series
Phase Control Thyristors
(Stud Version), 110 A
Vishay Semiconductors
TRIGGERING
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
TYP.
MAX.
Maximum peak gate power
PGM
TJ = TJ maximum, tp  5 ms
5
W
Maximum average gate power
PG(AV)
TJ = TJ maximum, f = 50 Hz, d% = 50
1
Maximum peak positive gate current
IGM
TJ = TJ maximum, tp  5 ms
2.0
A
Maximum peak positive gate voltage
+ VGM
20
V
Maximum peak negative gate voltage
- VGM
5.0
DC gate current required to trigger
IGT
TJ = - 40 °C
Maximum required gate trigger/
current/voltage are the lowest
value which will trigger all units
6 V anode to cathode applied
180
-
mA
TJ = 25 °C
90
150
TJ = 125 °C
40
-
DC gate voltage required to trigger
VGT
TJ = - 40 °C
2.9
-
V
TJ = 25 °C
1.8
3.0
TJ = 125 °C
1.2
-
DC gate current not to trigger
IGD
TJ = TJ maximum
Maximum gate current/voltage
not to trigger is the maximum
value which will not trigger any
unit with rated VDRM anode to
cathode applied
10
mA
DC gate voltage not to trigger
VGD
0.25
V
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum operating junction
temperature range
TJ
- 40 to 125
°C
Maximum storage temperature range
TStg
- 40 to 150
Maximum thermal resistance,
junction to case
RthJC
DC operation
0.195
K/W
Maximum thermal resistance,
case to heatsink
RthCS
Mounting surface, smooth, flat and greased
0.08
Mounting torque, ± 10 %
Non-lubricated threads
15.5 (137)
Nm
(lbf · in)
Lubricated threads
14 (120)
Approximate weight
130
g
Case style
See dimensions - link at the end of datasheet
TO-209AC (TO-94)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com