Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T8514VB Datasheet(PDF) 3 Page - Vishay Siliconix

Part # T8514VB
Description  Specification of GaAlAs IR Emitting Diode Chip
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T8514VB Datasheet(HTML) 3 Page - Vishay Siliconix

  T8514VB Datasheet HTML 1Page - Vishay Siliconix T8514VB Datasheet HTML 2Page - Vishay Siliconix T8514VB Datasheet HTML 3Page - Vishay Siliconix T8514VB Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Document Number: 81129
For technical questions, contact: optochipsupport@vishay.com
www.vishay.com
Rev. 1.3, 29-Mar-10
3
T8514VB
Specification of GaAlAs IR Emitting
Diode Chip
Vishay Semiconductors
Note
(1) All chips are checked in accordance with the Vishay Semiconductor, specification of visual inspection FVOV6870.
The visual inspection shall be made in accordance with the “specification of visual inspection as referenced”. The visual inspection of chip
backside is performed with stereo microscope with incident light and 40x to 80x magnification.
The quality inspection (final visual inspection) is performed by production. An additional visual inspection step as special release procedure
by QM is not installed.
HANDLING AND STORAGE CONDITIONS
• The hermetically sealed shipment lots shall be opened in temperature and moisture controlled cleanroom environment only. It
is mandatory to follow the rules for disposition of material that can be hazardous for humans and environment.
• Product must be handled only at ESD safe workstations. Standard ESD precautions and safe work environments are as defined
in MIL-HDBK-263.
• Singulated die are not to be handled with tweezers. A vacuum wand with non metallic ESD protected tip should be used.
PACKING
Chips are fixed on adhesive foil. Upon request the foils can be mounted on plastic frame or disco frame. For shipment, the wafers
are arranged to stacks and hermetically sealed in plastic bags to ensure protection against environmental influence (humidity and
contamination).
Use for recycling reliable operators only. We can help getting in touch with your nearest sales office. By agreement we will take
back packing material, if it is sorted. You will have to bear the costs of transport. We will invoice you for any costs incurred for
packing material that is returned unsorted or which we are not obliged to accept.
MECHANICAL DIMENSIONS
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Length of chip edge (x-direction)
Lx
0.37
mm
Length of chip edge (y-direction)
Ly
0.37
mm
Emission area
AE
0.325 x 0.325
mm2
Die height
H
0.17
mm
Diameter of bondpad
d
0.14
mm
ADDITIONAL INFORMATION (1)
Frontside metallization, anode
Aluminum
Backside metallization, cathode
Gold alloy
Dicing
Sawing
Die bonding technology
Epoxy bonding



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com