Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSHA5201 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TSHA5201
Description  Infrared Emitting Diode, 875 nm, GaAlAs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSHA5201 Datasheet(HTML) 2 Page - Vishay Siliconix

  TSHA5201 Datasheet HTML 1Page - Vishay Siliconix TSHA5201 Datasheet HTML 2Page - Vishay Siliconix TSHA5201 Datasheet HTML 3Page - Vishay Siliconix TSHA5201 Datasheet HTML 4Page - Vishay Siliconix TSHA5201 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
For technical questions, contact: emittertechsupport@vishay.com
Document Number: 81019
2
Rev. 1.9, 29-Jun-09
TSHA5200, TSHA5201, TSHA5202, TSHA5203
Vishay Semiconductors
Infrared Emitting Diode, 875 nm,
GaAlAs
Fig. 1 - Power Dissipation Limit vs. Ambient Temperature
Fig. 2 - Forward Current Limit vs. Ambient Temperature
Note
Tamb = 25 °C, unless otherwise specified
0
20
40
60
80
100
120
140
160
180
200
010
20
30
40
50
60
70
80
90 100
21142
T
amb - Ambient Temperature (°C)
R
thJA = 230 K/W
0
20
40
60
80
100
120
0
10
203040
506070
80
90 100
T
amb - Ambient Temperature (°C)
21143
R
thJA = 230 K/W
BASIC CHARACTERISTICS
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Forward voltage
IF = 100 mA, tp = 20 ms
VF
1.5
1.8
V
Temperature coefficient of VF
IF = 100 mA
TKVF
- 1.6
mV/K
Reverse current
VR = 5 V
IR
100
µA
Junction capacitance
VR = 0 V, f = 1 MHz, E = 0
Cj
20
pF
Temperature coefficient of
φ
e
IF = 20 mA
TK
φ
e
- 0.7
%/K
Angle of half intensity
ϕ
± 12
deg
Peak wavelength
IF = 100 mA
λ
p
875
nm
Spectral bandwidth
IF = 100 mA
Δλ
80
nm
Temperature coefficient of
λ
p
IF = 100 mA
TK
λ
p
0.2
nm/K
Rise time
IF = 100 mA
tr
600
ns
IF = 1 A
tr
300
ns
Fall time
IF = 100 mA
tf
600
ns
IF = 1 A
tf
300
ns
Virtual source diameter
d
3.7
mm



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com