Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VEMI85AC Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VEMI85AC
Description  8-Channel EMI-Filter with ESD-Protection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VEMI85AC Datasheet(HTML) 2 Page - Vishay Siliconix

  VEMI85AC Datasheet HTML 1Page - Vishay Siliconix VEMI85AC Datasheet HTML 2Page - Vishay Siliconix VEMI85AC Datasheet HTML 3Page - Vishay Siliconix VEMI85AC Datasheet HTML 4Page - Vishay Siliconix VEMI85AC Datasheet HTML 5Page - Vishay Siliconix VEMI85AC Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
For technical questions, contact: EMIFilter@vishay.com
Document Number: 81674
2
Rev. 1.6, 18-May-10
VEMI85AC-HGK
Vishay Semiconductors
8-Channel EMI-Filter with
ESD-Protection
APPLICATION NOTE
With the VEMI85AC-HGK 8 different signal or data lines can be filtered and clamped to ground. Due to the different clamping
levels in forward and reverse direction the clamping behaviour is Bidirectional and Asymmetric (BiAs).
The 8 independent EMI-filter are placed between
pin 1 and pin 16,
pin 2 and pin 15,
pin 3 and pin 14,
pin 4 and pin 13,
pin 5 and pin 12,
pin 6 and pin 11,
pin 7 and pin 10 and
pin 8 and pin 9.
They all are connected to a common ground pin 17 on the backside of the package.
The circuit diagram of one EMI-filter-channel shows two identical Z-diodes at the input to ground and the output to ground.
These Z-diodes are characterized by the breakthrough voltage level (VBR) and the diode capacitance (CD). Below the
breakthrough voltage level the Z-diodes can be considered as capacitors. Together with these capacitors and the line
resistance RS between input and output the device works as a low pass filter. Low frequency signals (f < f3dB) pass the filter
while high frequency signals (f > f3dB) will be shorted to ground through the diode capacitances CD.
Each filter is symmetrical so that both ports can be used as input or output.
L1IN
L1OUT
L3IN
L3OUT
L2IN
L2OUT
L4IN
L4OUT
L5IN
L5OUT
L6IN
L6OUT
L7IN
L7OUT
L8IN
L8OUT
20389
1
2
3
4
17
5
6
7
8
9
10
11
12
13
14
15
16
RS
Out
(pin 9, 10, 11, 12, 13, 14, 15, 16)
In
(pin 1, 2, 3, 4, 5, 6, 7, 8)
GND
(pin 17)
CD
20390
CD
CD



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com