Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

300DP1R2REDM1RERED Datasheet(PDF) 9 Page - E-SWITCH

Part # 300DP1R2REDM1RERED
Description  ROCKER AND PADDLE SWITCHES - MINIATURE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

300DP1R2REDM1RERED Datasheet(HTML) 9 Page - E-SWITCH

  300DP1R2REDM1RERED Datasheet HTML 1Page - E-SWITCH 300DP1R2REDM1RERED Datasheet HTML 2Page - E-SWITCH 300DP1R2REDM1RERED Datasheet HTML 3Page - E-SWITCH 300DP1R2REDM1RERED Datasheet HTML 4Page - E-SWITCH 300DP1R2REDM1RERED Datasheet HTML 5Page - E-SWITCH 300DP1R2REDM1RERED Datasheet HTML 6Page - E-SWITCH 300DP1R2REDM1RERED Datasheet HTML 7Page - E-SWITCH 300DP1R2REDM1RERED Datasheet HTML 8Page - E-SWITCH 300DP1R2REDM1RERED Datasheet HTML 9Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
www.e-switch.com
info@e-switch.com
145
VS2-VS3
P.C. MOUNTING
DPDT
Option
Code
Dim. 'A'
VS2
.460 (11.68)
VS3
.630 (16.00)
VS4-VS5
P.C. MOUNTING
SPDT
Option
Code
Dim. 'A'
VS4
.460 (11.68)
VS5
.630 (16.00)
VS5
P.C. MOUNTING
DPDT
Option
Code
Dim. 'A'
VS5
.630 (16.00)
CONTACT MATERIAL OPTIONS
Q
R
Fixed Terminal:
Silver plated copper alloy
Moving Contact:
Silver plated copper alloy
Rating:
5 Amps with resistive load @ 120VAC or 28VDC;
2 Amps with resistive load @ 250VAC
Fixed Terminal:
Copper alloy with gold plate over nickel plate
Moving Contact:
Copper alloy with gold plate over nickel plate
Rating:
0.4 Volt-Amps (VA) max. @ 20V max. (AC or DC)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com