Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSKJS440 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VSKJS440
Description  ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 440 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSKJS440 Datasheet(HTML) 2 Page - Vishay Siliconix

  VSKJS440 Datasheet HTML 1Page - Vishay Siliconix VSKJS440 Datasheet HTML 2Page - Vishay Siliconix VSKJS440 Datasheet HTML 3Page - Vishay Siliconix VSKJS440 Datasheet HTML 4Page - Vishay Siliconix VSKJS440 Datasheet HTML 5Page - Vishay Siliconix VSKJS440 Datasheet HTML 6Page - Vishay Siliconix VSKJS440 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
For technical questions, contact: indmodules@vishay.com
Document Number: 94645
2
Revision: 09-Mar-11
This datasheet is subject to change without notice.
THE PRODUCT DESCRIBED HEREIN AND THIS DATASHEET ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
VSKJS440/030
Vishay Semiconductors
ADD-A-PAK Generation VII
Power Modules Schottky Rectifier, 440 A
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average
forward current
per module
IF(AV)
50 % duty cycle at TC = 97 °C, rectangular waveform
440
A
per leg
220
Maximum peak one cycle
non-repetitive surge current
IFSM
5 μs sine or 3 μs rect. pulse
Following any rated
load condition and with
rated VRRM applied
27 000
10 ms sine or 6 ms rect. pulse
3000
Non-repetitive avalanche energy
EAS
TJ = 25 °C, IAS = 20 A, L = 1 mH
198
mJ
Repetitive avalanche current
IAR
Current decaying linearly to zero in 1 μs
Frequency limited by TJ maximum VA = 1.5 x VR typical
44
A
ELECTRICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum forward voltage drop
VFM
220 A
TJ = 25 °C
0.68
V
440 A
1.0
220 A
TJ = 125 °C
0.61
440 A
0.93
Maximum reverse leakage current
IRM
TJ = 25 °C
VR = Rated VR
20
mA
TJ = 125 °C
1120
Maximum junction capacitance
CT
VR = 5 VDC (test signal range 100 kHz to 1 MHz), 25 °C
14 800
pF
Typical series inductance
LS
Measured lead to lead 5 mm from package body
5.0
nH
Maximum voltage rate of change
dV/dt
Rated VR
10 000
V/μs
Maximum RMS insulation voltage
VINS
50 Hz
3000 (1 min)
3600 (1 s)
V
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction and storage
temperature range
TJ, TStg
- 55 to 150
°C
Maximum thermal resistance,
junction to case per leg
RthJC
DC operation
0.26
°C/W
Typical thermal resistance,
case to heatsink per module
RthCS
0.1
Approximate weight
75
g
2.7
oz.
Mounting torque ± 10 %
to
heatsink
A mounting compound is recommended and the torque
should be rechecked after a period of 3 h to allow for the
spread of the compound.
4
Nm
busbar
3
Case style
JEDEC
TO-240AA compatible



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com