Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VT2080S Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VT2080S
Description  Trench MOS Barrier Schottky Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VT2080S Datasheet(HTML) 4 Page - Vishay Siliconix

  VT2080S Datasheet HTML 1Page - Vishay Siliconix VT2080S Datasheet HTML 2Page - Vishay Siliconix VT2080S Datasheet HTML 3Page - Vishay Siliconix VT2080S Datasheet HTML 4Page - Vishay Siliconix VT2080S Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 89240
4
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 30-Nov-10
This datasheet is subject to change without notice.
THE PRODUCT DESCRIBED HEREIN AND THIS DATASHEET ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
VT2080S, VIT2080S
Vishay General Semiconductor
New Product
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
TO-220AB
0.113 (2.87)
0.103 (2.62)
0.370 (9.40)
0.360 (9.14)
0.415 (10.54) MAX.
0.635 (16.13)
0.625 (15.87)
PIN
0.160 (4.06)
0.140 (3.56)
0.057 (1.45)
0.045 (1.14)
0.105 (2.67)
0.095 (2.41)
0.104 (2.65)
0.096 (2.45)
0.205 (5.20)
0.195 (4.95)
0.035 (0.90)
0.028 (0.70)
0.154 (3.91)
0.148 (3.74)
1
3
2
0.185 (4.70)
0.175 (4.44)
0.055 (1.39)
0.045 (1.14)
0.145 (3.68)
0.135 (3.43)
0.350 (8.89)
0.330 (8.38)
1.148 (29.16)
1.118 (28.40)
0.560 (14.22)
0.530 (13.46)
0.022 (0.56)
0.014 (0.36)
0.110 (2.79)
0.100 (2.54)
0.603 (15.32)
0.573 (14.55)
TO-262AA
0.401 (10.19)
0.381 (9.68)
0.185 (4.70)
0.175 (4.44)
0.055 (1.40)
0.045 (1.14)
0.110 (2.79)
0.100 (2.54)
0.350 (8.89)
0.330 (8.38)
0.560 (14.22)
0.530 (13.46)
0.022 (0.56)
0.014 (0.35)
K
12
3
0.055 (1.40)
0.047 (1.19)
0.510 (12.95)
0.470 (11.94)
PIN
0.411 (10.45) MAX.
0.250 (6.35) MIN.
30° (TYP.)
(REF.)
0.035 (0.90)
0.028 (0.70)
0.205 (5.20)
0.195 (4.95)
0.104 (2.65)
0.096 (2.45)
0.057 (1.45)
0.045 (1.14)
0.160 (4.06)
0.140 (3.56)
0.950 (24.13)
0.920 (23.37)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com