Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VT10200C Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VT10200C
Description  Trench MOS Barrier Schottky Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VT10200C Datasheet(HTML) 1 Page - Vishay Siliconix

  VT10200C Datasheet HTML 1Page - Vishay Siliconix VT10200C Datasheet HTML 2Page - Vishay Siliconix VT10200C Datasheet HTML 3Page - Vishay Siliconix VT10200C Datasheet HTML 4Page - Vishay Siliconix VT10200C Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Document Number: 89177
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 09-Dec-09
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
1
Trench MOS Barrier Schottky Rectifier
Ultra Low VF = 0.58 V at IF = 2.5 A
VT10200C, VFT10200C, VBT10200C, VIT10200C
Vishay General Semiconductor
New Product
FEATURES
• Trench MOS Schottky technology
• Low forward voltage drop, low power losses
• High efficiency operation
• Meets MSL level 1, per J-STD-020, LF maximum
peak of 245 °C (for TO-263AB package)
• Solder dip 275 °C max. 10 s, per JESD 22-B106 (for
TO-220AB, ITO-220AB and TO-262AA package)
• Compliant
to
RoHS
directive
2002/95/EC
and
in
accordance to WEEE 2002/96/EC
TYPICAL APPLICATIONS
For use in high frequency converters, switching power
supplies, freewheeling diodes, OR-ing diode, dc-to-dc
converters and reverse battery protection.
MECHANICAL DATA
Case:
TO-220AB, ITO-220AB, TO-263AB and TO-262AA
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E3 - RoHS compliant, commercial grade
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
E3 suffix meets JESD 201 class 1A whisker test
Polarity:
As marked
Mounting Torque:
10 in-lbs maximum
PRIMARY CHARACTERISTICS
IF(AV)
2 x 5.0 A
VRRM
200 V
IFSM
80 A
VF at IF = 5.0 A
0.65 V
TJ max.
150 °C
1
2
3
1
K
2
3
1
2
K
PIN 1
PIN 2
PIN 3
K
PIN 1
PIN 2
K
HEATSINK
PIN 1
PIN 2
PIN 3
PIN 1
PIN 2
CASE
PIN 3
1
2
3
TO-220AB
TO-263AB
TO-262AA
ITO-220AB
VT10200C
VFT10200C
VIT10200C
VBT10200C
TMBS
®
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VT10200C
VFT10200C
VBT10200C
VIT10200C
UNIT
Maximum repetitive peak reverse voltage
VRRM
200
V
Maximum average forward rectified current
(fig. 1)
per device
IF(AV)
10.0
A
per diode
5.0
Peak forward surge current 8.3 ms single half sine-wave
superimposed on rated load per diode
IFSM
80
A
Non-repetitive avalanche energy
at TJ = 25 °C, L = 60 mH per diode
EAS
30
mJ
Peak repetitive reverse current
at tp = 2 μs, 1 kHz, TJ = 38 °C ± 2 °C per diode
IRRM
0.5
A
Voltage rate of change (rated VR)
dV/dt
10 000
V/μs
Isolation voltage (ITO-220AB only)
from terminal to heatsink t = 1 min
VAC
1500
V
Operating junction and storage temperature range
TJ, TSTG
- 40 to + 150
°C


Similar Part No. - VT10200C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VT10200C-E3 VISHAY-VT10200C-E3 Datasheet
161Kb / 6P
Trench MOS Barrier Schottky Rectifier
09-Sep-13
VT10200C-E3 VISHAY-VT10200C-E3 Datasheet
202Kb / 6P
Trench MOS Barrier Schottky Rectifier
23-Feb-18
VT10200C-E3 VISHAY-VT10200C-E3_15 Datasheet
151Kb / 5P
Trench MOS Barrier Schottky Rectifier
09-Sep-13
VT10200C-E3 VISHAY-VT10200C-E3_V01 Datasheet
202Kb / 6P
Trench MOS Barrier Schottky Rectifier
23-Feb-18
VT10200C-M3 VISHAY-VT10200C-M3 Datasheet
158Kb / 4P
Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.58 V at IF = 2.5 A
01-Dec-16
More results

Similar Description - VT10200C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VFT2080S VISHAY-VFT2080S Datasheet
78Kb / 4P
Trench MOS Barrier Schottky Rectifier
18-Nov-10
VT1080S VISHAY-VT1080S_12 Datasheet
148Kb / 5P
Trench MOS Barrier Schottky Rectifier
08-Sep-09
V30DL45BP VISHAY-V30DL45BP Datasheet
122Kb / 6P
Trench MOS Barrier Schottky Rectifier
18-Mar-14
V10PL45-M3 VISHAY-V10PL45-M3 Datasheet
88Kb / 6P
Trench MOS Barrier Schottky Rectifier
09-Dec-13
VBT1045CBP VISHAY-VBT1045CBP_15 Datasheet
91Kb / 5P
Trench MOS Barrier Schottky Rectifier
22-May-12
VFT1045CBP VISHAY-VFT1045CBP_15 Datasheet
86Kb / 5P
Trench MOS Barrier Schottky Rectifier
29-Oct-13
VT10200C-E3 VISHAY-VT10200C-E3 Datasheet
161Kb / 6P
Trench MOS Barrier Schottky Rectifier
09-Sep-13
VBT145CB-M3 VISHAY-VBT145CB-M3 Datasheet
92Kb / 5P
Trench MOS Barrier Schottky Rectifier
30-Apr-13
logo
DONGGUAN YOU FENG WEI E...
5V100-DO YFWDIODE-5V100-DO Datasheet
1Mb / 3P
Trench MOS Barrier Schottky Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com