Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LASEEV100RED Datasheet(PDF) 4 Page - E-SWITCH

Part # LASEEV100RED
Description  PUSHBUTTON SWITCHES - SEALED ILLUMINATED
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

LASEEV100RED Datasheet(HTML) 4 Page - E-SWITCH

  LASEEV100RED Datasheet HTML 1Page - E-SWITCH LASEEV100RED Datasheet HTML 2Page - E-SWITCH LASEEV100RED Datasheet HTML 3Page - E-SWITCH LASEEV100RED Datasheet HTML 4Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Phone: 800-867-2717
Fax: 763-531-8235
100
LAP
PILOT INDICATOR
TERMINATION & PUSHBUTTON HEAD OPTIONS
U1 Ø29mm
SCHEMATIC
PANEL MOUNTING
V1 Ø25mm
Available for LAS Solder Lug
MECHANICAL CONFIGURATION & CIRCUIT OPTIONS
Mechanical
Configuration Code
EE
Latching
OA
Momentary
PL
Pilot Indicator
0 PILOT INDICATOR
SCHEMATIC
3 3PDT
SCHEMATIC
1 SPDT
SCHEMATIC
4 4PDT
Available for LAK Socket Type and LAS
Solder Lug
SCHEMATIC
2 DPDT
Available for LAS Solder Lug
U3
V3
Available LAS Pilot Indicator
SCHEMATIC
SCHEMATIC
PANEL MOUNTING
SCHEMATIC
PANEL MOUNTING
PANEL MOUNTING
SERIES LA SWITCHES
PUSHBUTTON SWITCHES - SEALED ILLUMINATED



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com