Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST1 Datasheet(PDF) 1 Page - E-SWITCH

Part # ST1
Description  ST1 Series
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

ST1 Datasheet(HTML) 1 Page - E-SWITCH

  ST1 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FEATURES:
• Heavy Duty Rating with UL Approvals
• Many Functions Available
• Tab, Screw, and Solder Terminal Options
• Rubber Boot for Water and Dust Protection
SPECIFICATIONS:
RATING: MAINTAINED SWITCHES:
20A 125VAC [cULus]
15A 250VAC [cULus]
2HP 125-250VAC [cULus]
MOMENTARY SWITCHES:
20A 125VAC [cULus]
15A 250VAC [cULus]
1.5HP 125-250VAC [cULus]
TEMPERATURE: -20°C to 85°C
ELECTRICAL LIFE: 6,000 Cycles
CONTACT RESISTANCE: 50m
 Max.
INSULATION RESISTANCE: 800M
 Min. at 500VDC
DIELECTRIC STRENGTH: 1,500VAC for 1 Minute
MATERIALS:
BODY: Phenolic, UL94 V-0
ACTUATOR: Nickel Plated Brass
BUSHING: Nickel Plated Brass
HOUSING: Stainless Steel
CONTACTS: Silver Alloy
TERMINALS: Silver Plated Brass
ST161D10
Actuator
Bushing
Series
Terminal
Function
Rating
Type
Type
ST1 - 1 Pole
1 - 4.8mm Tabs
1 Pole:
D - 20A 125VAC
0 - Standard Bat
0 - M12x1.0
2 - Solder
1 - Off-On
1 - Short Bat
2 - 15/32"-32UNS
4 - 6.3mm Tabs
3 - On-On
6 - Screw
4 - Off-(On), Middle-End
5 - On-Off-On
Variable Length:
C - On-Off-(On)
Wxx - Wire Leads
D - (On)-Off-(On)
(xx in Inches)
ST1 Series
Accessories Series
Type
Options
ACC
Rubber Boot:
Colors for Boot:
B03 - For Standard Bat
2 - Black
Marking Plates:
Colors for Marking Plates:
M01 - ON/Off
3 - Black, Red, and Silver
Hardware:
Threading:
N02 - Knurled Nut
3 - 15/32"-32UNS
5 - M12x1.0
Rear
Panel Mount
Heavy
Duty
Water
Protection
High
Amperage
EXAMPLE PART NUMBERS:
ST121D00
1P Off-On
Standard Actuator/Bushing, Solder
ST123D00
1P On-On
Standard Actuator/Bushing, Solder
ST124D00
1P Off-(On)
Standard Actuator/Bushing, Solder
ST125D00
1P On-Off-On
Standard Actuator/Bushing, Solder
ST12DD00
1P (On)-Off-(On)
Standard Actuator/Bushing, Solder
ST141D00
1P Off-On
Standard Actuator/Bushing, 0.250" QC
ST143D00
1P On-On
Standard Actuator/Bushing, 0.250" QC
ST144D00
1P Off-(On)
Standard Actuator/Bushing, 0.250" QC
ST1W61D00
P.O. Box 25110 • Portland, OR 97298 USA • www.lambind.com
24
Ph: 503-297-8878 • Fax: 503-297-8879
LAMB
INDUSTRIES


Similar Part No. - ST1

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
ST1-05S05LF BOTHHAND-ST1-05S05LF Datasheet
186Kb / 2P
1W Isolated DC/DC Converter
ST1-05S05LF BOTHHAND-ST1-05S05LF Datasheet
186Kb / 2P
Input Filter With Internal Capacitor
ST1-05S09LF BOTHHAND-ST1-05S09LF Datasheet
186Kb / 2P
1W Isolated DC/DC Converter
ST1-05S09LF BOTHHAND-ST1-05S09LF Datasheet
186Kb / 2P
Input Filter With Internal Capacitor
ST1-05S12LF BOTHHAND-ST1-05S12LF Datasheet
186Kb / 2P
1W Isolated DC/DC Converter
More results

Similar Description - ST1

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1777723 PHOENIX-1777723 Datasheet
225Kb / 6P
PC 5/ 2-ST1-7,62
1777736 PHOENIX-1777736 Datasheet
225Kb / 6P
PC 5/ 3-ST1-7,62
1777749 PHOENIX-1777749 Datasheet
225Kb / 6P
PC 5/ 4-ST1-7,62
1777804 PHOENIX-1777804 Datasheet
225Kb / 6P
PC 5/10-ST1-7,62
1701349 PHOENIX-1701349 Datasheet
77Kb / 4P
Cable connector - MC 1,5/ 8-ST1-5,08 GY
1777778 PHOENIX-1777778 Datasheet
225Kb / 6P
PC 5/ 7-ST1-7,62
1777794 PHOENIX-1777794 Datasheet
225Kb / 6P
PC 5/ 9-ST1-7,62
1777817 PHOENIX-1777817 Datasheet
225Kb / 6P
PC 5/11-ST1-7,62
1777820 PHOENIX-1777820 Datasheet
225Kb / 6P
PC 5/12-ST1-7,62
1900853 PHOENIX-1900853 Datasheet
523Kb / 13P
MC 1,5/10-ST1-5,08 - PCB connector
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com