Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL1014 Datasheet(PDF) 1 Page - E-SWITCH

Part # TL1014
Description  TACT SWITCHES SMT - SIDE MOUNT ACTUATED
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

TL1014 Datasheet(HTML) 1 Page - E-SWITCH

  TL1014 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.e-switch.com
info@e-switch.com
9
Specifications subject to change without notice.
Example Ordering Number
TL _ 1014_ A_ F180_ Q _G
SPECIFICATIONS
Contact Rating:
12VDC, 50mA
Life Expectancy:
100,000 cycles minimum
Contact Resistance:
100mΩ max.
Insulation Resistance:
100MΩ min.
Dielectric Strength:
250 VAC
Actuator Force:
180 ± 50 gf min.
Operating Temperature: -20°C to +70°C
Travel:
0.30 Typ
MATERIALS
Housing:
Nylon 46
Actuator:
Nylon 46
Cover:
Stainless Steel
Contact Dome:
Stainless Steel
Terminals:
Brass
Tape & Reel:
3000 pieces per reel
SERIES TL 1014 SWITCHES
TACT SWITCHES SMT - SIDE MOUNT ACTUATED
SERIES
OPERATING
FORCE
CONTACT
MATERIAL
BOSS
1014
F180
Q = Silver
G = Gull
MODEL NO.
TL
HOW TO ORDER
A = no boss
B = boss
TL
TERMINATION
TL 1014
SCHEMATIC
P.C. MOUNTING
FEATURES & BENEFITS
Subminiature design
Right Angle SMT
Tape & Reel
APPLICATIONS/MARKETS
Telecommunications
Consumer Electronics
Audio/visual
Medical
Testing/instrumentation
Computer/servers/peripherals


Similar Part No. - TL1014

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
TL1015 E-SWITCH-TL1015 Datasheet
514Kb / 1P
TACT SWITCHS SMT - TOP ACTUATED
TL1015AF160QG E-SWITCH-TL1015AF160QG Datasheet
514Kb / 1P
TACT SWITCHS SMT - TOP ACTUATED
logo
Texas Instruments
TL1015AF160QG TI1-TL1015AF160QG Datasheet
343Kb / 12P
TPA2025D1 Audio Power Amplifier Evaluation Module
logo
E-SWITCH
TL1015BF160QG E-SWITCH-TL1015BF160QG Datasheet
514Kb / 1P
TACT SWITCHS SMT - TOP ACTUATED
TL1016 E-SWITCH-TL1016 Datasheet
1Mb / 7P
TL1016 Series Tact Switch
5.4.2022
More results

Similar Description - TL1014

ManufacturerPart #DatasheetDescription
logo
ITT Industries
KMS ITT-KMS Datasheet
74Kb / 3P
Microminiature Side Actuated Tact Switch for SMT
KSS ITT-KSS Datasheet
82Kb / 3P
Subminiature Side Actuated Tact Switch for SMT
logo
E-SWITCH
TL1015 E-SWITCH-TL1015 Datasheet
514Kb / 1P
TACT SWITCHS SMT - TOP ACTUATED
logo
C&K Components
PTS645VN13SMTR92LFS CK-COMPONENTS-PTS645VN13SMTR92LFS Datasheet
213Kb / 2P
6 mm SMT Side Actuated Tact Switch
KSC-V2 CK-COMPONENTS-KSC-V2 Datasheet
231Kb / 3P
Side Actuated Sealed Tact Switch
24 Nov 20
KT CK-COMPONENTS-KT Datasheet
318Kb / 5P
Full SMT Top & Side Actuated Sealed Tact Switch
PTS645V CK-COMPONENTS-PTS645V Datasheet
270Kb / 3P
6 mm SMT Side Actuated Tact Switch
14 Nov 22
PTS845 CK-COMPONENTS-PTS845 Datasheet
183Kb / 2P
4.5x3.4mm SMT Side Actuated Tact
14 Nov 22
PTS850 CK-COMPONENTS-PTS850 Datasheet
167Kb / 3P
5.4x5mm SMT Side Actuated Tact
14 Nov 22
PTS847 CK-COMPONENTS-PTS847 Datasheet
467Kb / 5P
4.6x2.2mm SMT Side Actuated Tact
14 Nov 22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com