Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL1100 Datasheet(PDF) 2 Page - E-SWITCH

Part # TL1100
Description  TACT SWITCHES - 12mm x 12mm
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

TL1100 Datasheet(HTML) 2 Page - E-SWITCH

  TL1100 Datasheet HTML 1Page - E-SWITCH TL1100 Datasheet HTML 2Page - E-SWITCH TL1100 Datasheet HTML 3Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.e-switch.com
info@e-switch.com
31
TL 1100 E
TL 1100 A
TL 1100 C
TL 1100 B & D
Actuator Length
(L) in mm
B = 4.55mm
D = 4.3mm
SCHEMATIC
P.C. MOUNTING
SCHEMATIC
P.C. MOUNTING
SCHEMATIC
P.C. MOUNTING
SCHEMATIC
P.C. MOUNTING



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com