Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GL6R0KA7B Datasheet(PDF) 1 Page - AVX Corporation

Part # GL6R0KA7B
Description  Ultra Broad Band Inductor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

GL6R0KA7B Datasheet(HTML) 1 Page - AVX Corporation

  GL6R0KA7B Datasheet HTML 1Page - AVX Corporation GL6R0KA7B Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The GL Series was developed specifically to deliver repeatable
and reliable Ultra Broad Band performance up through 40 +
GHz. The GL Series of inductors provide Ultra-Low Insertion
loss, excellent return loss and extreme part to part performance
repeatability. The pyramid shape of the GL Series provides for
maximum inductance in the space available. The GL Series was
developed using a powdered iron core and gold plated
terminations that allow for easy use in hand solder applications.
The combination of Flat Frequency Response with the Ultra-Low
Insertion loss makes this an ideal component for optical data
systems, transimpedance amplifers and test equipment.
GL Series
Ultra Broad Band Inductor
ADVANTAGES
• Ultra Broad Band Performance
• Ultra-Low Insertion Loss
• Excellent Return Loss Through 40 GHz
• Flat Frequency Response
• Part to Part Performance Repeatability
• Rugged Powdered Iron Core
APPLICATIONS
• Communication Customers
• Receiver Optical Sub-Assemblies
• Transimpedance Amplifier Customers
• Test Equipment Manufacturers
MECHANICAL SPECIFICATIONS
inches (mm)
Inductance (μH)
L
H
# of Turns
2
0.102 ± 0.002 (2.59 ± 0.051)
0.065 ± 0.002 (1.65 ± 0.051)
46 Turns #44 AWG Cu
6
0.182 ± 0.003 (4.62 ± 0.076)
0.073 ± 0.002 (1.85 ± 0.051)
80 Turns #44 AWG Cu
11
0.182 ± 0.003 (4.62 ± 0.076)
0.072 ± 0.002 (1.83 ± 0.051)
110 Turns #47 AWG Cu
ELECTRICAL SPECIFICATIONS
Operating
Insertion
Return
Rdc (Ω) @ 20ºC,
IDC (mA),
Number of
Cu Wire Size
Inductance (μH)
Frequency
Loss
Loss
10 mA current
dc max.
Turns
(AWG)
Range
2
2.3 MHz to 40 GHz
0.5 dB typ.
-17 dB typ.
1.45
250
46
44
6
880 KHz to 40 GHz
0.6 dB typ.
-18 dB typ.
2.90
200
80
44
11
500 KHz to 40 GHz
0.4 dB typ.
-18 dB typ.
7.00
115
110
47
Operating Temperature: -55ºC to + 125ºC
H
Uninsulated
0.20 +0.10 -.05
(5.08 + 2.54 -1.27)
Uninsulated
.40 +.150 -.05
(10.16 +3.81 -1.27)
Insulated
.030 ± .020
(.762 ± .508)
Insulated
.001 (.025)
Max.
.011 (.280)
Max.
L


Similar Part No. - GL6R0KA7B

ManufacturerPart #DatasheetDescription
logo
SICK AG
GL6-E2411V SICK-GL6-E2411V Datasheet
720Kb / 7P
PHOTOELECTRIC SENSORS
GL6-E4411V SICK-GL6-E4411V Datasheet
752Kb / 7P
PHOTOELECTRIC SENSORS
GL6-F2411V SICK-GL6-F2411V Datasheet
720Kb / 7P
PHOTOELECTRIC SENSORS
GL6-F4411V SICK-GL6-F4411V Datasheet
752Kb / 7P
PHOTOELECTRIC SENSORS
GL6-F4511S24 SICK-GL6-F4511S24 Datasheet
2Mb / 9P
PHOTOELECTRIC SENSORS
More results

Similar Description - GL6R0KA7B

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
HJF-A-500 MERRIMAC-HJF-A-500 Datasheet
281Kb / 2P
BROAD BAND HYBRID JUNCTION
logo
AVX Corporation
GX02YD104KAT2 AVX-GX02YD104KAT2 Datasheet
173Kb / 2P
Ultra Broad Band Capacitor
GX01ZD103PATD AVX-GX01ZD103PATD Datasheet
192Kb / 2P
Ultra Broad Band Capacitor
AVXGX0402 AVX-AVXGX0402 Datasheet
207Kb / 2P
Ultra Broad Band Capacitor
AVXGX AVX-AVXGX Datasheet
197Kb / 2P
Ultra Broad Band Capacitor
GX03-242063 AVX-GX03-242063 Datasheet
224Kb / 3P
Ultra Broad Band Capacitor
GX03 AVX-GX03 Datasheet
220Kb / 2P
Ultra Broad Band Capacitor
GX01 AVX-GX01 Datasheet
209Kb / 2P
GX Series Ultra Broad Band Capacitor
GX02 AVX-GX02 Datasheet
210Kb / 2P
GX Series Ultra Broad Band Capacitor
GX0S AVX-GX0S_15 Datasheet
304Kb / 2P
Ultra Broad Band Capacitor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com