Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL3350 Datasheet(PDF) 1 Page - E-SWITCH

Part # TL3350
Description  TACT SWITCHES SMT - DUAL ACTION
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

TL3350 Datasheet(HTML) 1 Page - E-SWITCH

  TL3350 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.e-switch.com
info@e-switch.com
23
SERIES TL 3350 SWITCHES
TACT SWITCHES SMT - DUAL ACTION
Specifications subject to change without notice.
SERIES
OPERATING
FORCE
CONTACT
MATERIAL
ACTUATOR
("L" Dimension)
3350
F100
Q = Silver
MODEL NO.
TL
Example Ordering Number
TL _ 3350 _ A_ F100_ Q
TL 3350
SPECIFICATIONS
Contact Rating:
20mA @ 30 VDC
Life Expectancy:
10,000 cycles
Contact Resistance:
200mΩ
Insulation Resistance:
50MΩ min.
Dielectric Strength:
250 VAC
Actuation Force:
100± 40g 1st circuit
250± 80g 2nd circuit
Operating Temperature: -20°C to 70°C
Travel:
0.30+/-0.10mm 1st circuit
0.55+/-0.15mm 2nd circuit
MATERIALS
Actuator:
Nylon
Base:
Nylon
Cover:
Stainless Steel
Terminals:
Copper alloy, plated
HOW TO ORDER
A = 2.0mm
B = 3.8mm
FEATURES & BENEFITS
Dual Action Tact Switch
Positive tactile feedback in
2 distinct positions
Low profile, SMT design
With or without actuator
APPLICATIONS/MARKETS
Telecommunications
Consumer Electronics
Audio/visual
Medical
Testing/instrumentation
Computer/servers/peripherals
P.C. MOUNTING
SCHEMATIC
TL


Similar Part No. - TL3350

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
TL3300 E-SWITCH-TL3300 Datasheet
194Kb / 2P
TACT SWITCHES
TL3300AF160Q E-SWITCH-TL3300AF160Q Datasheet
194Kb / 2P
TACT SWITCHES
TL3300AF260Q E-SWITCH-TL3300AF260Q Datasheet
194Kb / 2P
TACT SWITCHES
TL3300AF320Q E-SWITCH-TL3300AF320Q Datasheet
194Kb / 2P
TACT SWITCHES
TL3300AF520Q E-SWITCH-TL3300AF520Q Datasheet
194Kb / 2P
TACT SWITCHES
More results

Similar Description - TL3350

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
901 E-SWITCH-901 Datasheet
122Kb / 1P
TACT SWITCHES SMT
TL3302 E-SWITCH-TL3302_1 Datasheet
168Kb / 2P
TACT SWITCHES SMT - RECTANGULAR
TL3340 E-SWITCH-TL3340 Datasheet
186Kb / 1P
TACT SWITCHES SMT - SUBMINIATURE
TL3342 E-SWITCH-TL3342 Datasheet
150Kb / 1P
TACT SWITCHES SMT
TL3342F160QG E-SWITCH-TL3342F160QG Datasheet
1Mb / 2P
TACT SWITCHES SMT
logo
Adam Technologies, Inc.
SW-C-1P1C-VT-SMT-73-06 ADAM-TECH-SW-C-1P1C-VT-SMT-73-06 Datasheet
81Kb / 1P
TACT SWITCHES SMT TYPE
SW-C-1P1T-VG-SMT-16-07-X ADAM-TECH-SW-C-1P1T-VG-SMT-16-07-X Datasheet
78Kb / 1P
TACT SWITCHES SMT TYPE
SW-C-1P1T-VT-SMT-25-04 ADAM-TECH-SW-C-1P1T-VT-SMT-25-04 Datasheet
74Kb / 1P
TACT SWITCHES SMT TYPE
SW-C-1P1T-VT-SMT-A11116 ADAM-TECH-SW-C-1P1T-VT-SMT-A11116 Datasheet
70Kb / 1P
TACT SWITCHES SMT TYPE
SW-C-RA-H1185-X ADAM-TECH-SW-C-RA-H1185-X Datasheet
84Kb / 1P
TACT SWITCHES SMT TYPE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com