Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS1 Datasheet(PDF) 1 Page - E-SWITCH

Part # TS1
Description  SNAP ACTION SWITCHES - SUB-MINIATURE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

TS1 Datasheet(HTML) 1 Page - E-SWITCH

  TS1 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SERIES TS1 SWITCHES
SERIES TS1 SWITCHES
www.e-switch.com
email: info@e-switch.com
7153 NORTHLAND DRIVE NORTH
PHONE: 800-867-2717
MINNEAPOLIS, MN 55428
FAX: 763-531-8235
SNAP ACTION SWITCHES - SUB-MINIATURE
FEATURES & BENEFITS
Subminiature size
PC Pin termination
APPLICATIONS / MARKETS
Security/detection
Appliance
Instrumentation
Power Tools
MECHANICAL SPECIFICATIONS
HOW TO ORDER:
ELECTRICAL SPECIFICATIONS
ENVIRONMENTAL SPECIFICATIONS
Mechanical Life:
100,000 cycles
Force:
70 +/- 20 gf
Travel:
0.35mm
Electrical Life:
30,000 cycles
Contact Rating:
0.1A @ 125VAC or 48 VDC
Contact Resistance:
300m
Ω (initial max)
Insulation Resistance:
100M
Ω (Min @ 250VDC)
Dielectric Strength:
250VDC
Operating Temperature:
-15ºC to +55ºC
Storage Temperature:
-25ºC to +80ºC / <85% RH
OPERATING
FORCE
ACTUATOR
CURRENT
RATING
SERIES
TS1
TERMINAL
TYPE
00 = Non-Lever
F070 = 70 grams
P = Vertical PC Pins
01 = 0.1A @ 48 VDC
/ 0.1A @ 125 VAC


Similar Part No. - TS1

ManufacturerPart #DatasheetDescription
logo
STATEK CORPORATION
TS1 STATEK-TS1 Datasheet
196Kb / 2P
Miniature Quartz Temperature Sensor
logo
Littelfuse
TS1 LITTELFUSE-TS1 Datasheet
574Kb / 2P
Time Delay Relays / Dedicated - Delay-on-Make
2016 Rev: 1-A-062116
logo
Tumbler Technologies + ...
TS1-1S0505N TRUMPOWER-TS1-1S0505N Datasheet
16Kb / 1P
DC/DC CONVERTERS 4-pin SIP, 0.25 to 1 Watt
TS1-1S0505N TRUMPOWER-TS1-1S0505N Datasheet
16Kb / 1P
DC/DC CONVERTERS
TS1-1S0505NH TRUMPOWER-TS1-1S0505NH Datasheet
16Kb / 1P
DC/DC CONVERTERS 3KV Isolation, 0.25 to 1 Watt
More results

Similar Description - TS1

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
MS085R100F130S1A E-SWITCH-MS085R100F130S1A Datasheet
800Kb / 3P
SNAP ACTION SWITCHES-MINIATURE
LS0851503F040C2A E-SWITCH-LS0851503F040C2A Datasheet
279Kb / 3P
SNAP ACTION SWITCHES
SS0750301F030P1A E-SWITCH-SS0750301F030P1A Datasheet
1,009Kb / 2P
SNAP ACTION SWITCHES - SUB-MINIATURE
TS0101F020V1 E-SWITCH-TS0101F020V1 Datasheet
304Kb / 2P
SNAP ACTION SWITCHES - SUB-MINIATURE
logo
List of Unclassifed Man...
11-304 ETC2-11-304 Datasheet
1Mb / 30P
LICON. SNAP ACTION SWITCHES
logo
Grayhill, Inc
38EWSP7B1M1QT GRAYHILL-38EWSP7B1M1QT Datasheet
521Kb / 5P
Sealed Snap Action Miniature Pushbutton Switches
logo
SHINMEI ELECTRIC CO., L...
MQS-53 SHINMEI-MQS-53 Datasheet
171Kb / 6P
Compact-sized Snap Action Switches
logo
TE Connectivity Ltd
SAJ1 TEC-SAJ1 Datasheet
323Kb / 3P
Snap Action Switches
SAJ2 TEC-SAJ2 Datasheet
604Kb / 4P
Snap Action Switches
SAJ3 TEC-SAJ3 Datasheet
675Kb / 5P
Snap Action Switches
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com