Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS2 Datasheet(PDF) 1 Page - E-SWITCH

Part # TS2
Description  SMT SNAP ACTION SWITCH
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

TS2 Datasheet(HTML) 1 Page - E-SWITCH

  TS2 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SERIES TS2 SWITCHES
Mechanical Life:
3,000,000 cycles
Force:
70 ± 20 gf
Specifications subject to change without notice.
SERIES
TERMINAL
TyPE
00 = No Lever
ACTUATOR
01 = 0.1A @ 48
VDC or 125 VAC
S = SMT Terminals
CURRENT
RATING
TS2
SMT SnAP ACTIon SWITCh
7153 NORTHLAND DRIVE NORTH
BROOKLyN PARK, MN 55428
www.e-switch.com
email: info@e-switch.com
MECHANICAL SPECIFICATIONS
Contact Rating:
0.1A @125 VAC or 48 VDC
Contact Resistance (Initial Max.):
300 mohms @ 5VDC
Insulation Resistance:
100 Mohms min @500VDC
Dielectric Strength (1 Min.):
1,000V
Bounce:
5m Second Max
ELECTRICAL SPECIFICATIONS
operating Temperature:
-25°C to +85°C
ENVIRONMENTAL SPECIFICATIONS
HOW TO ORDER
Phone: 763.504.3525
FAx: 763.531.8235
Example Ordering Number
TS20 100F070S
FEATURES & BENEFITS
• Surface mount termination
• Subminiature package size
• Designed for higher reliability
applications
APPLICATIONS / MARKETS
• Appliance
• Timing controls
• Testing/instrumentation
• Gaming and vending machines
OPERATING
FORCE
F070 = 70 gf


Similar Part No. - TS2

ManufacturerPart #DatasheetDescription
logo
STATEK CORPORATION
TS2 STATEK-TS2 Datasheet
196Kb / 2P
Miniature Quartz Temperature Sensor
logo
Panasonic Semiconductor
TS2-I-24V-800S PANASONIC-TS2-I-24V-800S Datasheet
161Kb / 1P
TS-RELAYS NEW PCB TIME DELAY RELAY TIME-ON OR TIME-OFF DELAY OR PULSE RELAY
logo
Suntan Capacitors
TS20 SUNTAN-TS20 Datasheet
827Kb / 1P
CHIP TANTALUM CAPACITOR - SMD
logo
CUI INC
TS20 CUI-TS20 Datasheet
391Kb / 4P
TACTILE SWITCH
05/10/2022
TS20-42-25-WT-160-SMT-TR CUI-TS20-42-25-WT-160-SMT-TR Datasheet
391Kb / 4P
TACTILE SWITCH
05/10/2022
More results

Similar Description - TS2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A-20G OMRON-A-20G Datasheet
988Kb / 8P
Snap Action Switch
D2F OMRON-D2F Datasheet
703Kb / 8P
Snap Action Switch
SS-01-ED OMRON-SS-01-ED Datasheet
676Kb / 10P
Snap Action Switch
VX-5-1A2 OMRON-VX-5-1A2 Datasheet
681Kb / 8P
Snap Action Switch
SS5GL-13F OMRON-SS5GL-13F Datasheet
598Kb / 8P
Snap Action Switch
V1141C4 OMRON-V1141C4 Datasheet
1Mb / 16P
Snap Action Switch
V-15-1B5 OMRON-V-15-1B5 Datasheet
1Mb / 16P
Snap Action Switch
logo
Highly Electric Co., Lt...
SRO HIGHLY-SRO Datasheet
7Mb / 4P
SNAP ACTION SWITCH
VS10N HIGHLY-VS10N Datasheet
947Kb / 3P
SNAP ACTION SWITCH
Z15G HIGHLY-Z15G Datasheet
436Kb / 5P
SNAP ACTION SWITCH
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com