Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPU50 Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # MPU50
Description  50W Desk Top Switching Power Supplies For Medical Equipment.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MPU50 Datasheet(HTML) 1 Page - MPS Industries, Inc.

  MPU50 Datasheet HTML 1Page - MPS Industries, Inc. MPU50 Datasheet HTML 2Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Safety Specifications:
Environmental :
Electrical Characteristics:
Sym.
Parameter
Test Conditions
Min. Typ . Max. Unit
0
Iil
1.35
Irh
Eff
REG-i
REG-o
OVP
OCP
Ttr
Thold
16
Ts
0.3
1.5
2
Vrn
Ilk
Iih
0.7
I rl
0.5
1
4
Tc
-0.04
0.04
Hr
Relative
Humidity
5
95
%
Toper
Operating
Temperature
Tstg
Storage Temperature
Pd
0
70
Derate linearly from 100% load at 50 C to 50% load at 70 C
85
-40
C
C
Sym.
Parameter
Test Conditions
Min. Typ. Max.
Unit
Parameter
Test Conditions
Min. Typ. Max.
Unit
Dielectric Withstanding Voltage
for Primary to secondary
Primary to secondary
5600
VDC
Primary to ground
2800
Test Voltage = 2100VDC
50
M
Vin=220VAC
B
CLASS
Sym.
Vps
Vpg
Ri
CISPR
FCC
Isolation Resistance
EMI requirements for CISPR-11
for FCC PART-18
Vin=110VAC
VDC
B
CLASS
Safety Approvals :
Vin =90 to 26 4V AC
Io=Full load, Vin=115 VAC
Io=Full
Load, Vin=230VAC
Io=Full
Load
Vin=230VAC
Io=Full Load to Half Load,Vin=100VAC
Io=Full
Vi n= 11 0V AC
Load, Vin=100VAC
Full Load, Vin=90VAC
I o = Fu ll Load, Vin=240VAC
Io=Full load, Vin=230 VAC
W
V
A
A
A
A
A
All output
%/ C
Input
Voltage
Input
Frequency
Output Power Range
Output Voltage Range
Output
Current Range
Input Current (Low Line)
Efficiency
Line Regulation
Load Regulation
Over Voltage Protection
Over Current Protection
Transient Response
Hold-Up
Time
Start Up Time
Ripple & Noise (Peak to Peak)
Safety Ground Leakage C urrent
Input Current ( High Line)
Temperature Coefficient
load, 25
,Cool start,
C
Vin= 115VAC
Vin= 230VAC
%
%
mS
S
%
%
%
%
mA
mS
63
264
90
47
See rating cha rt
12
15
26
30
3
2
1
Dielectric Withstanding Voltage
for Primary to Ground
Low Line Inrush Current
VAC
Hz
7
Vin
Fin
Wo
Vo
Io
load, 25
,Cool start,
C
EMI requirements
MPU50 SERIES
50W Desk Top Switching Power Supplies For Medical Equipment.
50
Io=Full
Load,
88
83
75
132
150
110
112
High Line Inrush Current
Io=Full
Io=Full
See rating cha rt
0.1
Features:
Description:
Wide Input Voltage 90 to 264 VAC,47 to 63 Hz
IEC-320-C14 Input Inlet
Single to Triple Output
Output Voltage Available From 2VDC Thru 50VDC
Optional Output Connector (See appendix)
Input Surge Current, Over Voltage And Over Load protection
Splash proof
Class I Insulation
Two Years Warranty
Operating Voltage
The MPU50 series of AC/DC switching mode power supplies
provide 50 Watts of continuous output power . All supplies are
UL94V-1 min compliant, include IEC-320-C14 input for
worldwide applications.
All models
meet FCC Part-18 class B and CISPR-11 EN55011 class B
emission Limits and are designed to comply with UL/c-UL(UL
2601-1) ,TUV/T-mark (EN 60601-1) and new CE requirements.
All units are 100% burned in and tested.
They are ideally suited for use in
hospital instrument and many other applications.


Similar Part No. - MPU50

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
MPU50 ASTRODYNE-MPU50 Datasheet
462Kb / 4P
50W Medical Grade Desktop Switching Power Adapters
MPU50-100 ASTRODYNE-MPU50-100 Datasheet
462Kb / 4P
50W Medical Grade Desktop Switching Power Adapters
MPU50-101 ASTRODYNE-MPU50-101 Datasheet
462Kb / 4P
50W Medical Grade Desktop Switching Power Adapters
MPU50-102 ASTRODYNE-MPU50-102 Datasheet
462Kb / 4P
50W Medical Grade Desktop Switching Power Adapters
MPU50-103 ASTRODYNE-MPU50-103 Datasheet
462Kb / 4P
50W Medical Grade Desktop Switching Power Adapters
More results

Similar Description - MPU50

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPMPU50 TOTAL-POWER-TPMPU50 Datasheet
309Kb / 2P
50W Desk Top Switching Power Supplies For Medical Equipment.
logo
Volgen Kaga Electronics...
SPU45-100 VOLGEN-SPU45-100 Datasheet
411Kb / 2P
50W Desk Top Switching Power Supplies For I.T.E.
logo
MPS Industries, Inc.
MPU15A MPSIND-MPU15A Datasheet
314Kb / 2P
15W Desk Top Switching Power Supplies For Medical Equipment.
MPU15B MPSIND-MPU15B Datasheet
327Kb / 2P
15W Desk Top Switching Power Supplies For Medical Equipment.
MPU15C MPSIND-MPU15C Datasheet
328Kb / 2P
15W Desk Top Switching Power Supplies For Medical Equipment.
MPU30 MPSIND-MPU30 Datasheet
119Kb / 2P
30W Desk Top Switching Power Supplies For Medical Equipment
MPU100 MPSIND-MPU100 Datasheet
180Kb / 2P
100W Desk Top Switching Power Supplies For Medical Equipment
MPU130 MPSIND-MPU130 Datasheet
261Kb / 2P
130W Desk Top Switching Power Supplies For Medical Equipment
logo
Total Power Internation...
TPMPU51 TOTAL-POWER-TPMPU51 Datasheet
279Kb / 2P
50W Desk Top Type Medical Power Supplies
TPIPU46 TOTAL-POWER-TPIPU46 Datasheet
454Kb / 2P
50W desk top switching power supplies for industrial equipment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com