Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W25Q128BVCIP Datasheet(PDF) 71 Page - Winbond

Part # W25Q128BVCIP
Description  3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q128BVCIP Datasheet(HTML) 71 Page - Winbond

Back Button W25Q128BVCIP Datasheet HTML 66Page - Winbond W25Q128BVCIP Datasheet HTML 67Page - Winbond W25Q128BVCIP Datasheet HTML 68Page - Winbond W25Q128BVCIP Datasheet HTML 69Page - Winbond W25Q128BVCIP Datasheet HTML 70Page - Winbond W25Q128BVCIP Datasheet HTML 71Page - Winbond W25Q128BVCIP Datasheet HTML 72Page - Winbond W25Q128BVCIP Datasheet HTML 73Page - Winbond W25Q128BVCIP Datasheet HTML 74Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 71 / 74 page
background image
W25Q128BV
Publication Release Date: April 01, 2011
- 71 -
Revision E
9.3 24-Ball TFBGA 8x6-mm (Package Code C)
SYMBOL
MILLIMETERS
INCHES
Min
Nom
Max
Min
Nom
Max
A
---
---
1.20
---
---
0.047
A1
0.25
0.30
0.35
0.010
0.012
0.014
b
0.35
0.40
0.45
0.014
0.016
0.018
D
7.95
8.00
8.05
0.313
0.315
0.317
D1
5.00 BSC
0.197 BSC
E
5.95
6.00
6.05
0.234
0.236
0.238
E1
3.00 BSC
0.118 BSC
e
1.00 BSC
0.039 BSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com