Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P11TJ3 Datasheet(PDF) 2 Page - MPS Industries, Inc.

Part # P11TJ3
Description  TOROIDAL INDUCTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

P11TJ3 Datasheet(HTML) 2 Page - MPS Industries, Inc.

  P11TJ3 Datasheet HTML 1Page - MPS Industries, Inc. P11TJ3 Datasheet HTML 2Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TOROIDAL INDUCTOR
• RoHS Compliant Product
• Operating Temp: -55°C to +105°C
• Inductance test @ 10KHz, 0.1V
RMS
• I
DC: 10% inductance drop typ from initial value at rated current
• I
RMS: ∆30°C temperature rise max at rated current
• Add -V for Vertical Mount, -H for Horizontal Mount after
part number
Product performance is limited to specified parameter. Data is subject to change without prior notice.
P11TJ3-XXX
0547JW
2463 208th, Ste. 205
Torrance, CA 90501
Phone: (310)533-1455
Fax:
(310)533-1853
http://www.mpsind.com
Email: sales@mpsind.com
Dimensions
Unless otherwise specified, all tolerances are:
inch: .XX : ± 0.008
.XXX : ±0.004
mm: X,X : ± 0,20 X,XX : ±0,10
Mechanical
Schematic
ELECTRICAL SPECIFICATION @ 25°C
PART
L (µH)
I
DC
I
RMS
R
DC
DIM A
NUMBER
±15%
MAX
INCH
P11TJ3-
10KHz 0.1VRMS
(A)
(A)
( W )
NOM
560-R8
56
0.80
3.1
0.057
0.023
680-R7
68
0.73
3.0
0.063
0.023
820-R66
82
0.66
2.6
0.087
0.020
101-R6
100
0.60
2.4
0.097
0.020
121-R55
120
0.55
2.3
0.107
0.020
151-R5
150
0.49
1.9
0.146
0.018
181-R45
180
0.45
1.8
0.164
0.018
221-R4
220
0.40
1.5
0.225
0.016
271-R37
270
0.37
1.4
0.250
0.016
331-R33
330
0.33
1.2
0.342
0.014
391-R3
390
0.30
1.1
0.378
0.014
471-R28
470
0.28
1.0
0.510
0.013
561-R25
560
0.25
0.9
0.565
0.013
681-R23
680
0.23
0.8
0.637
0.013
821-R21
820
0.21
0.7
0.849
0.013
102-R19
1000
0.19
0.7
0.951
0.011
122-R17
1200
0.17
0.6
1.298
0.011
152-R15
1500
0.15
0.5
1.476
0.010
P11TJ3 SERIES
13200 Estrella Ave., Bldg. B
Tel: (310) 325-1043
www.mpsind.com
Gardena, CA 90248
Fax: (310) 325-1044
sales@mpsind.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com