Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P191 Datasheet(PDF) 2 Page - MPS Industries, Inc.

Part # P191
Description  PASSIVE POWER FACTOR CORRECTION INDUCTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

P191 Datasheet(HTML) 2 Page - MPS Industries, Inc.

  P191 Datasheet HTML 1Page - MPS Industries, Inc. P191 Datasheet HTML 2Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Tel: 310-325-1043
Fax: 310-325-1044
www.mpsind.com
sales@mpsind.com
Productperformanceislimitedtospecifiedparameters.Dataissubjecttochangewithoutpriornotice.
Dimensions
Unlessotherwisespecified,alltolerancesare:
inch: .XX : ±0.015
.XXX : ±0.004
mm:X,X:±0,38X,XX:±0,10
DIMENSIONS (mm)
P191 SERIES
ELECTRICAL PARAMETERS @25°C
Part Number
P191-
L
(μH ±15%)
R
DC
(Ω MAX)
I
DC
(A)
DIM
A Max
(mm)
DIM
B Max
(mm)
DIM
C Nom
(mm)
DIM
D Nom
(mm)
DIM
E Nom
(mm)
301-10
300
0.05
10.0
53.0
27.0
21.0
47.0
1.73
501-10
500
0.06
10.0
63.0
31.0
24.0
55.0
1.73
751-10
750
0.08
10.0
73.0
32.0
26.0
68.0
1.73
102-10
1000
0.09
10.0
77.0
36.0
28.0
70.0
1.73
NOTES:
Inductancetest@10KHz,0.1V
RMS
I
DC:10%rolloffTyp(20%Max.)frominitialinductancevalue
Add-VforVerticalMount,-HforHorizontalMount,-WforHookUpwire
ExtendedlengthhookupwirewithFast-Onavailableonrequest
PASSIVE POWER FACTOR
CORRECTION INDUCTORS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com