Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4100E5 Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # P4100E5
Description  CURRENT SENSOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

P4100E5 Datasheet(HTML) 1 Page - MPS Industries, Inc.

  P4100E5 Datasheet HTML 1Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CURRENT SENSOR
• RoHS Compliant Product
• Operating Temperature: -40°C to +85°C
• Peak Current Sensing: 10A and 40% Duty Cycle
• Hipot: 500V
RMS Min
• Operating Frequency: 50KHz to 1MHz
• Inductance tested at 15.75KHz 0.1 V
RMS
Product performance is limited to specified parameter. Data is subject to change without prior notice.
P4100E5-XX
0546JW
2463 208th, Ste. 205
Torrance, CA 90501
Phone: (310)533-1455
Fax:
(310)533-1853
http://www.mpsind.com
Email: sales@mpsind.com
Mechanical
Schematic
Dimensions
Unless otherwise specified, all tolerances are:
inch: .XX : ± 0.015 .XXX : ±0.004
mm: X,X : ± 0,38 X,XX : ±0,10
P4100E5 SERIES
ELECTRICAL SPECIFICATION @ 25°C
Part number
OCL (Ns)
Turns
DCR (8-7)
DCR (Ns)
Current
P4100E5-
(mH Min)
(±2% Max)
(mW Max)
(W Max)
A
20
0.08
1:20
6
0.55
10
30
0.18
1:30
6
0.87
10
40
0.32
1:40
6
1.14
10
50
0.50
1:50
6
1.50
10
60
0.72
1:60
6
1.75
10
70
0.98
1:70
6
4.75
10
100
2.00
1:100
6
5.50
10
125
3.00
1:125
6
6.50
10


Similar Part No. - P4100E5

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
P410000 E-SWITCH-P410000 Datasheet
88Kb / 1P
All Dimension In MM
P410001 E-SWITCH-P410001 Datasheet
87Kb / 1P
All Dimension In MM
P410002 E-SWITCH-P410002 Datasheet
108Kb / 1P
All Dimension In MM
P410003 E-SWITCH-P410003 Datasheet
88Kb / 1P
All Dimension In MM
P410004 E-SWITCH-P410004 Datasheet
109Kb / 1P
All Dimension In MM
More results

Similar Description - P4100E5

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZMC10 ZETEX-ZMC10 Datasheet
18Kb / 2P
Current Sensor
logo
Allegro MicroSystems
ACS752SCA-050 ALLEGRO-ACS752SCA-050 Datasheet
1Mb / 11P
Current Sensor
ACS754XCB-050 ALLEGRO-ACS754XCB-050 Datasheet
508Kb / 11P
Current Sensor
ACS754XCB-150 ALLEGRO-ACS754XCB-150 Datasheet
448Kb / 11P
Current Sensor
ACS755XCB-050 ALLEGRO-ACS755XCB-050 Datasheet
434Kb / 10P
Current Sensor
ACS750XCA-050 ALLEGRO-ACS750XCA-050_05 Datasheet
550Kb / 12P
Current Sensor
logo
CUI INC
CSXX05B CUI-CSXX05B Datasheet
340Kb / 4P
CURRENT SENSOR
CSXX05U CUI-CSXX05U_V01 Datasheet
331Kb / 4P
CURRENT SENSOR
02/19/2020
CSXX05B CUI-CSXX05B_V01 Datasheet
362Kb / 4P
CURRENT SENSOR
02/19/2020
logo
Littelfuse
SE-CS40 LITTELFUSE-SE-CS40 Datasheet
164Kb / 2P
Current Sensor
2015 Rev: 1-A-111215
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com