Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGA7210 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BGA7210
Description  700 MHz to 3800 MHz high linearity variable gain amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGA7210 Datasheet(HTML) 3 Page - NXP Semiconductors

  BGA7210 Datasheet HTML 1Page - NXP Semiconductors BGA7210 Datasheet HTML 2Page - NXP Semiconductors BGA7210 Datasheet HTML 3Page - NXP Semiconductors BGA7210 Datasheet HTML 4Page - NXP Semiconductors BGA7210 Datasheet HTML 5Page - NXP Semiconductors BGA7210 Datasheet HTML 6Page - NXP Semiconductors BGA7210 Datasheet HTML 7Page - NXP Semiconductors BGA7210 Datasheet HTML 8Page - NXP Semiconductors BGA7210 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
BGA7210
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 4 January 2012
3 of 30
NXP Semiconductors
BGA7210
700 MHz to 3800 MHz high linearity variable gain amplifier
[1]
Supply voltage on pins RF_OUT, VCC2, VDDA, VCC1 and VDDD.
[2]
See Section 9.2.
[3]
Pi = 12 dBm per tone; f = 10 MHz.
[4]
See Section 11.
2.
Pinning information
2.1 Pinning
2.2 Pin description
PL(1dB)
output power at 1 dB gain compression minimum attenuation
700 MHz
 f  2800 MHz
18
21
-
dBm
2200 MHz
 f  2800 MHz; C
sh =0.68pF
[4]
20
23
-
dBm
3400 MHz
 f  3800 MHz
16
19
-
dBm
Table 1.
Quick reference data …continued
4.75 V
V
SUP 5.25 V; 40 C Tamb +85 C; maximum current; input and output is terminated with 50 ;
unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max Unit
Transparent top view
Fig 1.
Pin configuration
aaa-000658
BGA7210
Transparent top view
VCC1
GND
GND
GND
GND
VDDD
GND
SER_OUT
GND
SS
GND
SER_IN
GND
CLK
GND
PUPMXG/PWRDN
8
17
7
18
6
19
5
20
4
21
3
22
2
23
1
24
terminal 1
index area
Table 2.
Pin description
Symbol
Pin
Description
GND
1, 2, 3, 4, 5, 6, 7, 8, 9, 10, 13,
14, 18, 25, 26, 27, 28, 31, 32
Ground
n.c.
11, 30
not connected
RF_OUT
12
RF output and supply to amplifier 2
VCC2
15
Supply voltage to amplifier 2
VDDA
16
Analog supply voltage to DSA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com