Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC4350 Datasheet(PDF) 73 Page - NXP Semiconductors

Part # LPC4350
Description  32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet; two High-speed USBs; advanced configurable peripherals
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC4350 Datasheet(HTML) 73 Page - NXP Semiconductors

Back Button LPC4350_12 Datasheet HTML 69Page - NXP Semiconductors LPC4350_12 Datasheet HTML 70Page - NXP Semiconductors LPC4350_12 Datasheet HTML 71Page - NXP Semiconductors LPC4350_12 Datasheet HTML 72Page - NXP Semiconductors LPC4350_12 Datasheet HTML 73Page - NXP Semiconductors LPC4350_12 Datasheet HTML 74Page - NXP Semiconductors LPC4350_12 Datasheet HTML 75Page - NXP Semiconductors LPC4350_12 Datasheet HTML 76Page - NXP Semiconductors LPC4350_12 Datasheet HTML 77Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 149 page
background image
LPC4350_30_20_10
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Objective data sheet
Rev. 3.1 — 5 January 2012
73 of 149
NXP Semiconductors
LPC4350/30/20/10
32-bit ARM Cortex-M4/M0 microcontroller
• Two GPIO group interrupts can be triggered by any pin or pins in each port (GPIO
group0 and group1 interrupts).
7.16 Configurable digital peripherals
7.16.1 State Configurable Timer (SCT) subsystem
The SCT allows a wide variety of timing, counting, output modulation, and input capture
operations. The inputs and outputs of the SCT are shared with the capture and match
inputs/outputs of the 32-bit general purpose counter/timers.
The SCT can be configured as two 16-bit counters or a unified 32-bit counter. In the
two-counter case, in addition to the counter value the following operational elements are
independent for each half:
• State variable
• Limit, halt, stop, and start conditions
• Values of Match/Capture registers, plus reload or capture control values
In the two-counter case, the following operational elements are global to the SCT, but the
last three can use match conditions from either counter:
• Clock selection
• Inputs
• Events
• Outputs
• Interrupts
7.16.1.1
Features
• Two 16-bit counters or one 32-bit counter.
• Counter(s) clocked by bus clock or selected input.
• Up counter(s) or up-down counter(s).
• State variable allows sequencing across multiple counter cycles.
• Event combines input or output condition and/or counter match in a specified state.
• Events control outputs and interrupts.
• Selected event(s) can limit, halt, start, or stop a counter.
• Supports:
– 8 inputs (one input connected internally)
– 16 outputs
– 16 match/capture registers
– 16 events
– 32 states
7.16.2 Serial GPIO (SGPIO)
The Serial GPIOs offer standard GPIO functionality enhanced with features to accelerate
serial stream processing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com