Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC1810 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # LPC1810
Description  32-bit ARM Cortex-M3 MCU; up to 200 kB SRAM; Ethernet, two High-speed USB, LCD, and external memory controller
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC1810 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button LPC1810 Datasheet HTML 17Page - NXP Semiconductors LPC1810 Datasheet HTML 18Page - NXP Semiconductors LPC1810 Datasheet HTML 19Page - NXP Semiconductors LPC1810 Datasheet HTML 20Page - NXP Semiconductors LPC1810 Datasheet HTML 21Page - NXP Semiconductors LPC1810 Datasheet HTML 22Page - NXP Semiconductors LPC1810 Datasheet HTML 23Page - NXP Semiconductors LPC1810 Datasheet HTML 24Page - NXP Semiconductors LPC1810 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 157 page
background image
LPC1850_30_20_10
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Preliminary data sheet
Rev. 3 — 6 December 2011
21 of 157
NXP Semiconductors
LPC1850/30/20/10
32-bit ARM Cortex-M3 microcontroller
P3_4
A15
x
B8
171
119
82
[3]
I; PU I/O
GPIO1[14] — General purpose digital input/output
pin.
-
R — Function reserved.
-
R — Function reserved.
I/O
SPIFI_SIO3 — I/O lane 3 for SPIFI.
O
U1_TXD — Transmitter output for UART1.
I/O
I2S0_TX_WS — Transmit Word Select. It is driven by
the master and received by the slave. Corresponds
to the signal WS in the I2S-bus specification.
I/O
I2S1_RX_SDA — I2S1 receive data. It is driven by
the transmitter and read by the receiver. Corresponds
to the signal SD in the I2S-bus specification.
O
LCD_VD13 — LCD data.
P3_5
C12
x
B7
173
121
84
[3]
I; PU I/O
GPIO1[15] — General purpose digital input/output
pin.
-
R — Function reserved.
-
R — Function reserved.
I/O
SPIFI_SIO2 — I/O lane 2 for SPIFI.
I
U1_RXD — Receiver input for UART1.
I/O
I2S0_TX_SDA — I2S transmit data. It is driven by the
transmitter and read by the receiver. Corresponds to
the signal SD in the I2S-bus specification.
I/O
I2S1_RX_WS — Receive Word Select. It is driven by
the master and received by the slave. Corresponds
to the signal WS in the I2S-bus specification.
O
LCD_VD12 — LCD data.
P3_6
B13
x
C7
174
122
85
[3]
I; PU I/O
GPIO0[6] — General purpose digital input/output pin.
-
R — Function reserved.
I/O
SSP0_SSEL — Slave Select for SSP0.
I/O
SPIFI_MISO — Input 1 in SPIFI quad mode; SPIFI
output IO1.
-
R — Function reserved.
I/O
SSP0_MISO — Master In Slave Out for SSP0.
-
R — Function reserved.
-
R — Function reserved.
Table 3.
Pin description …continued
LCD, Ethernet, USB0, and USB1 functions are not available on all parts. See Table 2.
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com