Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC4310 Datasheet(PDF) 89 Page - NXP Semiconductors

Part # LPC4310
Description  32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet; two High-speed USBs; advanced configurable peripherals
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC4310 Datasheet(HTML) 89 Page - NXP Semiconductors

Back Button LPC4310 Datasheet HTML 85Page - NXP Semiconductors LPC4310 Datasheet HTML 86Page - NXP Semiconductors LPC4310 Datasheet HTML 87Page - NXP Semiconductors LPC4310 Datasheet HTML 88Page - NXP Semiconductors LPC4310 Datasheet HTML 89Page - NXP Semiconductors LPC4310 Datasheet HTML 90Page - NXP Semiconductors LPC4310 Datasheet HTML 91Page - NXP Semiconductors LPC4310 Datasheet HTML 92Page - NXP Semiconductors LPC4310 Datasheet HTML 93Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 149 page
background image
LPC4350_30_20_10
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Objective data sheet
Rev. 3.1 — 5 January 2012
89 of 149
NXP Semiconductors
LPC4350/30/20/10
32-bit ARM Cortex-M4/M0 microcontroller
8.
Limiting values
[1]
The following applies to the limiting values:
a) This product includes circuitry specifically designed for the protection of its internal devices from the damaging effects of excessive
static charge. Nonetheless, it is suggested that conventional precautions be taken to avoid applying greater than the rated
maximum.
b) Parameters are valid over operating temperature range unless otherwise specified. All voltages are with respect to VSS unless
otherwise noted.
[2]
Including voltage on outputs in 3-state mode; at 2.0 V the speed will be reduced.
[3]
The peak current is limited to 25 times the corresponding maximum current.
[4]
Dependent on package type.
[5]
Human body model: equivalent to discharging a 100 pF capacitor through a 1.5 k
 series resistor.
Table 6.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).[1]
Symbol
Parameter
Conditions
Min
Max
Unit
VDD(REG)(3V3)
regulator supply voltage (3.3 V)
on pin VDD_REG
2.2
3.6
V
VDD(IO)
input/output supply voltage
on pin VDDIO
2.2
3.6
V
VDDA(3V3)
analog supply voltage (3.3 V)
on pin VDDA
2.2
3.6
V
VBAT
battery supply voltage
for the RTC
2.2
3.6
V
Vprog(pf)
polyfuse programming voltage
on pin VPP
2.7
3.6
V
VI
input voltage
only valid when the
VDD(IO) supply voltage is
present
5 V tolerant I/O pins
(see Table 3)
[2]
0.5
5.5
V
ADC/DAC pins and
digital I/O pins
configured for an
analog function (see
Table 3)
0.5
VDDA(3V3)
V
USB0 pins (see
Table 3)
05.2
V
USB1 pins USB1_DP
and USB1_DM (see
Table 3)
05.2
V
IDD
supply current
per supply pin
[3] -
100
mA
ISS
ground current
per ground pin
[3] -
100
mA
Ilatch
I/O latch-up current
(0.5V
DD(IO)) < VI <
(1.5VDD(IO));
Tj < 125 C
-
100
mA
Tstg
storage temperature
[4]
65
+150
C
Ptot(pack)
total power dissipation (per
package)
based on package heat
transfer, not device power
consumption
-1.5
W
VESD
electrostatic discharge voltage
human body model; all
pins
[5]
2000
+2000
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com