Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UBA20271 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # UBA20271
Description  350 V and 600 V Power ICs for dimmable compact fluorescent lamps
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA20271 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button UBA20271 Datasheet HTML 17Page - NXP Semiconductors UBA20271 Datasheet HTML 18Page - NXP Semiconductors UBA20271 Datasheet HTML 19Page - NXP Semiconductors UBA20271 Datasheet HTML 20Page - NXP Semiconductors UBA20271 Datasheet HTML 21Page - NXP Semiconductors UBA20271 Datasheet HTML 22Page - NXP Semiconductors UBA20271 Datasheet HTML 23Page - NXP Semiconductors UBA20271 Datasheet HTML 24Page - NXP Semiconductors UBA20271 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
UBA20271_UBA20272
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2.1 — 12 October 2011
21 of 33
NXP Semiconductors
UBA20271/2
350 V and 600 V Power ICs for dimmable compact fluorescent lamps
Vth(CB)min
minimum threshold
voltage on pin CB
-
1.1
-
V
Vth(CB)max
maximum threshold
voltage on pin CB
-
3.6
-
V
Vhys(CB)
hysteresis voltage on
pin CB
2.3
2.5
2.7
V
Tj(bp)bst
boost bypass junction
temperature
Tj sensed at end ignition time
65
80
95
C
Tj(end)bst
boost end junction
temperature
Tj during boost time
105
120
135
C
Idet(dis)bst
boost disable detection
current
VCB = 0 V
-30
-25
-20
A
tt(bst-burn)
transition time from
boost to burn
CCP = 470 nF; Tj < 80 C
-
3.6
-
s
Pin CSI
NLCBR
lamp current boost
ratio
VCSI in boost state versus
VCSI in burn state;
VDCI = 1.34 V
1.4
1.5
1.6
Coil saturation protection and overcurrent detection
Input: pin SLS
Vth(sat)SLS
saturation threshold
voltage on pin SLS
ignition state; RLSAT = 47 k
1.10
1.18
1.25
V
Vth(ocp)SLS
overcurrent protection
threshold voltage on
pin SLS
boost state and burn state;
RLSAT = 47 k
1.10
1.18
1.25
V
tleb
leading edge blanking
time
detection disabled first part of
GLS time
-
800
-
ns
Io(sink)CI
sink output current on
pin CI
VCI = 2.0 V; ignition state;
Vi(SLS) > Vth(sat)SLS; cycle
clocked
26
29
32
A
Input: pin LSAT
Isource(LSAT)
source current on pin
LSAT
VLSAT = 1.2 V
26.3
25.0
23.7
A
Vclamp(LSAT)
clamp voltage on pin
LSAT
RLSAT = ;
2.3
2.5
2.7
V
Output: pin CF
I
o(sat)CF
saturation output
current difference on
pin CF
VCF = 1.5 V; ignition state;
low side switch = on
-
160
-
A
Table 5.
Characteristics …continued
VDD = 13 V; VFS - VHBO = 13 V; Tamb = 25 C; settings according to default setting in Table 6, all voltages referenced to GND,
positive currents flow into the IC, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com