Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LIS33DETR Datasheet(PDF) 15 Page - STMicroelectronics

Part # LIS33DETR
Description  MEMS motion sensor 3-axis - ±2g/±8g smart digital output ?쐍ano??accelerometer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS33DETR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button LIS33DETR Datasheet HTML 11Page - STMicroelectronics LIS33DETR Datasheet HTML 12Page - STMicroelectronics LIS33DETR Datasheet HTML 13Page - STMicroelectronics LIS33DETR Datasheet HTML 14Page - STMicroelectronics LIS33DETR Datasheet HTML 15Page - STMicroelectronics LIS33DETR Datasheet HTML 16Page - STMicroelectronics LIS33DETR Datasheet HTML 17Page - STMicroelectronics LIS33DETR Datasheet HTML 18Page - STMicroelectronics LIS33DETR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
LIS33DE
Application hints
Doc ID 15596 Rev 1
15/31
4
Application hints
Figure 5.
LIS33DE electrical connection
The device core is supplied through Vdd line while the I/O pads are supplied through
Vdd_IO line. Power supply decoupling capacitors (100 nF ceramic, 10 µF Al) should be
placed as near as possible to the pin 14 of the device (common design practice).
All the voltage and ground supplies must be present at the same time to have proper
behavior of the IC (refer to
Figure 5). It is possible to remove Vdd maintaining Vdd_IO
without blocking the communication bus, in this condition the measurement chain is
powered off.
The functionality of the device and the measured acceleration data is selectable and
accessible through the I2C/SPI interface.When using the I2C, CS must be tied high.
The functions, the threshold and the timing of the interrupt pin (INT) can be completely
programmed by the user through the I2C/SPI interface.
4.1
Soldering information
The LGA package is compliant with the ECOPACK®, RoHS and “Green” standard.
It is qualified for soldering heat resistance according to JEDEC J-STD-020C.
Leave “Pin 1 Indicator” unconnected during soldering.
Land pattern and soldering recommendations are available at www.st.com/mems.
10uF
Vdd
100nF
GND
Vdd_IO
INT
Digital signal from/to signal controller.Signal’s levels are defined by proper selection of Vdd_IO
1
5
8
13
TOP VIEW
6
9
14
16
9
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com