Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LIS35DETR Datasheet(PDF) 10 Page - STMicroelectronics

Part # LIS35DETR
Description  MEMS motion sensor 3-axis - ±2g/±8g smart digital output ?쐏iccolo??accelerometer
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS35DETR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LIS35DETR Datasheet HTML 6Page - STMicroelectronics LIS35DETR Datasheet HTML 7Page - STMicroelectronics LIS35DETR Datasheet HTML 8Page - STMicroelectronics LIS35DETR Datasheet HTML 9Page - STMicroelectronics LIS35DETR Datasheet HTML 10Page - STMicroelectronics LIS35DETR Datasheet HTML 11Page - STMicroelectronics LIS35DETR Datasheet HTML 12Page - STMicroelectronics LIS35DETR Datasheet HTML 13Page - STMicroelectronics LIS35DETR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
Mechanical and electrical specifications
LIS35DE
10/39
Doc ID 15594 Rev 1
2.2
Electrical characteristics
T = 25°C unless otherwise noted
Table 4.
Electrical characteristics @ Vdd=2.5 V (1)
Symbol
Parameter
Test conditions
Min.
Typ.(2)
Max.
Unit
Vdd
Supply voltage
2.16
2.5
3.6
V
Vdd_IO
I/O pins supply voltage(3)
1.71
Vdd+0.1
V
Idd
Supply current
T = 25°C, ODR=100 Hz
0.3
0.45
mA
IddPdn
Current consumption in
power-down mode
T = 25°C
1
5
µA
VIH
Digital high level input
voltage
0.8*Vdd
_IO
V
VIL
Digital low level input voltage
0.2*Vdd
_IO
V
VOH
High level output voltage
0.9*Vdd
_IO
V
VOL
Low level output voltage
0.1*Vdd
_IO
V
ODR
Output data rate
DR=0
100
Hz
DR=1
400
BW
System bandwidth(4)
ODR/2
Hz
Ton
Turn-on time(5)
3/ODR
s
Top
Operating temperature range
-40
+85
°C
1.
The product is factory calibrated at 2.5V. The device can be used from 2.16 V to 3.6 V.
2.
Typical specification are not guaranteed.
3.
It is possible to remove Vdd maintaining Vdd_IO without blocking the communication busses, in this condition the
measurement chain is powered off.
4.
Filter cut-off frequency.
5.
Time to obtain valid data after exiting power-down mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com