Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM330DL Datasheet(PDF) 1 Page - STMicroelectronics

Part # LSM330DL
Description  Linear sensor module 3D accelerometer sensor and 3D gyroscope sensor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330DL Datasheet(HTML) 1 Page - STMicroelectronics

  LSM330DL Datasheet HTML 1Page - STMicroelectronics LSM330DL Datasheet HTML 2Page - STMicroelectronics LSM330DL Datasheet HTML 3Page - STMicroelectronics LSM330DL Datasheet HTML 4Page - STMicroelectronics LSM330DL Datasheet HTML 5Page - STMicroelectronics LSM330DL Datasheet HTML 6Page - STMicroelectronics LSM330DL Datasheet HTML 7Page - STMicroelectronics LSM330DL Datasheet HTML 8Page - STMicroelectronics LSM330DL Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
Preliminary data
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
July 2011
Doc ID 022018 Rev 1
1/54
54
LSM330DL
Linear sensor module
3D accelerometer sensor and 3D gyroscope sensor
Features
Analog supply voltage 2.4 V to 3.6 V
Digital supply voltage I/Os, 1.8V
Low-power mode
Power-down mode
3 independent acceleration channels and 3
angular rate channels
±2g/±4g/±8g/±16g dynamic, selectable full-
scale acceleration range
±250/±500/±2000 dps dynamic, selectable full-
scale angular rate
SPI/I2C serial interface (16-bit data output)
Programmable interrupt generator for free-fall
and motion detection
ECOPACK®, RoHS, and “Green” compliant
Applications
GPS navigation systems
Impact recognition and logging
Gaming and virtual reality input devices
Motion-activated functions
Intelligent power saving for handheld devices
Vibration monitoring and compensation
Free-fall detection
6D-orientation detection
Description
The LSM330DL is a system-in-package featuring
a 3D digital accelerometer and a 3D digital
gyroscope.
ST’s family of modules leverages a robust and
mature manufacturing process already used for
the production of micromachined accelerometers.
The various sensing elements are manufactured
using specialized micromachining processes,
while the IC interfaces are based on CMOS
technology that allows designing a dedicated
circuit which is trimmed to better match the
sensing element characteristics.
The LSM330DL has a dynamic, user-selectable
full-scale acceleration range of ±2
g/±4g/±8g/±16g
and an angular rate of ±250/±500/±2000 deg/sec.
The accelerometer and gyroscope sensors can
be either activated or put in low-power / power-
down mode separately for power-saving
optimized applications. The LSM330DL is
available in a plastic land grid array (LGA)
package.
Several years ago ST successfully pioneered the
use of this package for accelerometers. Today, ST
has the broadest manufacturing capability in the
world and unrivalled expertise for the production
of sensors in a plastic LGA package.
LLGA 28L 7.5 x 4.4 x 1.1 mm
Table 1.
Device summary
Part number
Temperature range [°C]
Package
Packing
LSM330DL
-40 to +85
LGA-28
Tray
LSM330DLTR
-40 to +85
LGA-28
Tape & reel
www.st.com


Similar Part No. - LSM330DL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LSM330DLC STMICROELECTRONICS-LSM330DLC Datasheet
1Mb / 66P
iNEMO inertial module: 3D accelerometer and 3D gyroscope
17-Sep-2012
LSM330DLCTR STMICROELECTRONICS-LSM330DLCTR Datasheet
1Mb / 66P
iNEMO inertial module: 3D accelerometer and 3D gyroscope
17-Sep-2012
More results

Similar Description - LSM330DL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LSM330DLC STMICROELECTRONICS-LSM330DLC Datasheet
1Mb / 66P
iNEMO inertial module: 3D accelerometer and 3D gyroscope
17-Sep-2012
LSM9DS0 STMICROELECTRONICS-LSM9DS0 Datasheet
1Mb / 74P
iNEMO inertial module 3D accelerometer, 3D gyroscope, 3D magnetometer
05-Aug-2013
LSM6DB0 STMICROELECTRONICS-LSM6DB0 Datasheet
1Mb / 66P
3D accelerometer, 3D gyroscope and signal processor
28-Nov-2013
ASM330LXH STMICROELECTRONICS-ASM330LXH Datasheet
1Mb / 56P
Automotive inertial module: 3D accelerometer and 3D gyroscope
23-Oct-2015
LSM6DS3 STMICROELECTRONICS-LSM6DS3 Datasheet
1Mb / 100P
always-on 3D accelerometer and 3D gyroscope
03-Feb-2016
LSM6DS3H STMICROELECTRONICS-LSM6DS3H Datasheet
1Mb / 104P
always-on 3D accelerometer and 3D gyroscope
03-Feb-2016
LSM6DSM STMICROELECTRONICS-LSM6DSM Datasheet
1Mb / 113P
always-on 3D accelerometer and 3D gyroscope
12-Feb-2016
LSM6DS3US STMICROELECTRONICS-LSM6DS3US Datasheet
1Mb / 104P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
April 2016 Rev 4
LSM6DSL STMICROELECTRONICS-LSM6DSL Datasheet
1Mb / 113P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
October 2016 Rev 5
LSM9DS1 STMICROELECTRONICS-LSM9DS1 Datasheet
1Mb / 72P
iNEMO inertial module: 3D accelerometer, 3D gyroscope, 3D magnetometer
12-Mar-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com