Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAM3U Datasheet(PDF) 54 Page - ATMEL Corporation

Part # SAM3U
Description  AT91SAM ARM-based Flash MCU
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM3U Datasheet(HTML) 54 Page - ATMEL Corporation

Back Button SAM3U Datasheet HTML 50Page - ATMEL Corporation SAM3U Datasheet HTML 51Page - ATMEL Corporation SAM3U Datasheet HTML 52Page - ATMEL Corporation SAM3U Datasheet HTML 53Page - ATMEL Corporation SAM3U Datasheet HTML 54Page - ATMEL Corporation SAM3U Datasheet HTML 55Page - ATMEL Corporation SAM3U Datasheet HTML 56Page - ATMEL Corporation SAM3U Datasheet HTML 57Page - ATMEL Corporation SAM3U Datasheet HTML 58Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 59 page
background image
54
6430ES–ATARM–22-Aug-11
SAM3U Series
Figure 13-3. 144-lead LQFP Package Drawing
Notes:
1. This drawing is for general information only; refer to JEDEe Drawing MS-026 for additional information.
2. The top package body size may be smaller than the bottom package size by as much as 0.15 mm.
3. Dimensions D1 and E1 do not include mold protrusions. Allowable protrusion is 0.25 mm per side. D1 and E1 are maximum
plastic body size dimensions including mold mismatch.
4. b dimension by more than 0.08 mm. Dambar cannot be located on the lower radius or the foot. Minimum space between pro-
trusion and an adjacent lead is 0.07 mm for 0.4 and 0.5 mm pitch packages.
5. These dimensions apply to the flat section of the lead between 0.10 mm and 0.25 mm from the lead tip.
6. A1 is defined as the distance from the seating place to the lowest point on the package body.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com