Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDS7-63 Datasheet(PDF) 7 Page - Fuji Electric

Part # EDS7-63
Description  OPTICAL LEVEL TRANSMITTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

EDS7-63 Datasheet(HTML) 7 Page - Fuji Electric

  EDS7-63 Datasheet HTML 1Page - Fuji Electric EDS7-63 Datasheet HTML 2Page - Fuji Electric EDS7-63 Datasheet HTML 3Page - Fuji Electric EDS7-63 Datasheet HTML 4Page - Fuji Electric EDS7-63 Datasheet HTML 5Page - Fuji Electric EDS7-63 Datasheet HTML 6Page - Fuji Electric EDS7-63 Datasheet HTML 7Page - Fuji Electric EDS7-63 Datasheet HTML 8Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
OUTLINE DIAGRAM (Unit : mm)
150
365
2
1
E
G1/2
1/2-14NPT
200
150
L
0
50
100 359
52
103
151
49
100
126
44
103
190.5 151
100
126
195
JIS-30k-100A
ANSI/JPI 300LB 4B
8-23
96
200
254
7
ANSI/JPI 300LB 3B
8-23
73
168
210
6
36
49
84
JIS10k-40A
4-19
48
105
140
A
36
49
84
JIS-10k-50A
4-19
48
120
155
B
38
49
84
JIS20k-40A
4-19
48
105
140
C
38
49
84
JIS20k-50A
8-19
48
120
155
D
42
49
84
JIS30k-40A
4-23
48
120
160
E
42
49
84
JIS30k-50A
8-19
48
130
165
F
37.5
49
84
ANSI/JPI 150LB 11/2B
4-16
48
98.4
127
J
39.5
49
84
ANSI/JPI 150LB 2B
4-20
48
120.6
152
L
41
49
84
ANSI/JPI 300LB 11/2B
4-23
48
114.3
156
M
42.5
49
84
ANSI/JPI 300LB 2B
8-20
48
127
165
N
ANSI/JPI 150LB 4B
ANSI/JPI 150LB 3B
FLANGE
JIS-30k-80A
JIS-10k-100A
JIS-10k-80A
12.5 to 19.5
12 to 19
144
11.5 to 18.5
11 to 18
10.5 to 14
H
D
G
C
F
B
E
A
11th digit of
code symbol
Y
Mass (kg)
1/4-18NPT
Rc1/4
FPKT
5th digit of
code symbol
8-20
4-20
8-25
8-23
8-19
8-19
44
52
48
38
38
96
73
96
73
96
73
100
103
103
100
126
151
151
126
152.5
170
175
150
229
191
240
210
210
185
5
4
3
2
1
0
N-Øh
t
ØK
ØJ
ØH
ØG
ØF
D
FPKS
Type
View from arrow Q
Details of “A”
Q
Details of “B”
126
241
2
1
N-Øh
holes
“A”
Low pressure connection
41.3
Gas vent, drain port
20
t
L
Gasket seat inner diameter
D
Ø18.5
Ø7
E
Ø15
Indicator (option)
“B”
Optical cable lead-in port
15
54
ØG



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com