Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BF2000 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # BF2000
Description  Silicon N Channel MOSFET Tetrode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BF2000 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  BF2000 Datasheet HTML 1Page - Siemens Semiconductor Group BF2000 Datasheet HTML 2Page - Siemens Semiconductor Group BF2000 Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BF 2000
Semiconductor Group
Au -03-1998
2
Electrical Characteristics at
TA = 25 °C; unless otherwise specified.
Parameter
Symbol
Values
Unit
typ.
max.
min.
DC characteristics
Drain-source breakdown voltage
ID = 10 µA, -VG1S = 4 V, - VG2S = 4 V
V(BR)DS
-
V
-
12
Gate 1 source breakdown voltage
±
IG1S = 10 mA, VG2S = VDS = 0
±
V(BR)G1SS
8
12
V
-
±
V(BR)G2SS
8
12
-
Gate 2 source breakdown voltage
±
IG2S = 10 mA, VG1S = 0 V, VDS = 0 V
nA
Gate 1 source leakage current
±
VG1S = 5 V, VG2S = VDS = 0
±
IG1SS
-
-
50
Gate 2 source leakage current
±
VG2S = 5 V, VG1S = 0 V, VDS = 0 V
50
-
-
±
IG2SS
µA
Drain current
VDS = 5 V, VG1S = 0 , VG2S = 4 V
IDSS
1
-
-
V
-
-
0.3
VG1S(p)
Gate 1-source pinch-off voltage
VDS = 5 V, VG2S = 4 V, ID = 200 µA
V
Gate 2-source pinch-off voltage
VDS = 5 V, ID = 100 µA
-
0.2
VG2S(p)
-
Semiconductor Group
2
1998-11-01



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com