Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPC100 Datasheet(PDF) 8 Page - Espros Photonics corp

Part # EPC100
Description  Light-Curtain Device with 2-Wire Bus Interface
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC100 Datasheet(HTML) 8 Page - Espros Photonics corp

  EPC100 Datasheet HTML 1Page - Espros Photonics corp EPC100 Datasheet HTML 2Page - Espros Photonics corp EPC100 Datasheet HTML 3Page - Espros Photonics corp EPC100 Datasheet HTML 4Page - Espros Photonics corp EPC100 Datasheet HTML 5Page - Espros Photonics corp EPC100 Datasheet HTML 6Page - Espros Photonics corp EPC100 Datasheet HTML 7Page - Espros Photonics corp EPC100 Datasheet HTML 8Page - Espros Photonics corp EPC100 Datasheet HTML 9Page - Espros Photonics corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
epc100
Reflow Solder Profile
For infrared or conventional soldering the solder profile has to follow the recommendations of IPC/JEDEC J-STD-020C (min. revision C) for
Pb-free assembly for both types of packages. The peak soldering t emperature (TL) should not exceed +260°C for a maximum of 4 sec.
Packaging Information (all measures in mm)
Tape & Reel Information
The devices are mounted on embossed tape for automatic placement systems. The tape is wound on 178 mm (7 inch) or 330 mm (13 inch)
reels and individually packaged for shipment. General tape-and-reel specification data are available in a separate data sheet and indicate the
tape sizes for various package types. Further tape-and-reel specifications can be found in the Electronic Industries Association (EIA) standard
481-1, 481-2, 481-3.
Pin 1
Pin 1
8
2
CSP6 Tape
QFN16 Tape
Pin 1
Pin 1
8
4
CSP6 Tape
QFN16 Tape
epc does not guarantee that there are no empty cavities.
Thus, the pick-and-place machine should do check the presence of a chip during picking.
Ordering Information
Part Number
Package
RoHS compliance
Packaging Method
epc100-CSP10
CSP10
Yes
Reel
epc100-QFN16
QFN16
Yes
Reel
epc101-CSP10
CSP10
Yes
Reel
epc101-QFN16
QFN16
Yes
Reel
© 2011 ESPROS Photonics Corporation
Characteristics subject to change without notice
8
Datasheet epc100 - V2.1
www.espros.ch



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com