Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPC101 Datasheet(PDF) 3 Page - Espros Photonics corp

Part # EPC101
Description  Light-Curtain Device with 2-Wire Bus Interface
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC101 Datasheet(HTML) 3 Page - Espros Photonics corp

  EPC101 Datasheet HTML 1Page - Espros Photonics corp EPC101 Datasheet HTML 2Page - Espros Photonics corp EPC101 Datasheet HTML 3Page - Espros Photonics corp EPC101 Datasheet HTML 4Page - Espros Photonics corp EPC101 Datasheet HTML 5Page - Espros Photonics corp EPC101 Datasheet HTML 6Page - Espros Photonics corp EPC101 Datasheet HTML 7Page - Espros Photonics corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
epc101
Connection Diagrams
Top View
CS
OUTN/
SO
PD
GND
VDD
EN/
SI
LED/S
CK
VDD33
OUTH
VDD18
3
2
1
10
5
4
7
6
8
9
PIN Connections QFN16-VEED-
1VN4
LST
Top View
19.10.2010
Page 1
...
File:
This document is confidential and protected by law and international trades. It must not be shown to any third party nor be copied in any form without our written permission
.
1
2
3
4
10-Pin Chip Scale Package (CSP)
16 Pin QFN Package
10-Pin
CSP
16-Pin
QFN
PIN Name Type
Description
1
9
VDD
Power supply
Positive power supply for regulator and positive terminal of the 2-wire interface.
2
7
GND
Power supply
Negative power supply pin.
3
6
PD
Analog Input
Photo diode input.
4
4
CS
Digital Input
SPI Interface: Chip Select. Active low, with pull up
5
2
AOUT
OUTH
Analog Out
Digital Out
Amplified and filtered signal of the photo diode (push-pull) or
light reserve output (open drain) with 50 % threshold voltage above the threshold of the OUT
output.
6
1
SO
Digital Output
SPI Interface: Serial out
7
15
SI
Digital Output
SPI Interface: Serial input
8
14
SCK
Digital In / Out SPI Interface: Shift Clock
9
12
VDD33
Power supply
Decoupling
Positive power supply for analog and digital circuitry. If the the device is supplied by V DD33, a
power supply filter capacitor is connected to this pin. This is not a supply pin for external com -
ponents → for test purpose only!!
10
10
VDD18
Analog Out
1.8 V regulator output → This is not a supply pin for external components. For test purpose
only!
n/a
3
NC
Not connected. Connect this pin with VSS.
n/a
5
NC
Not connected. Connect this pin with VSS.
n/a
8
NC
Not connected. Connect this pin with VSS.
n/a
11
NC
Not connected. Connect this pin with VSS.
n/a
13
NC
Not connected. Connect this pin with VSS.
n/a
16
NC
Not connected. Connect this pin with VSS.
© 2011 ESPROS Photonics Corporation
Characteristics subject to change without notice
3
Datasheet epc101 - V2.1
www.espros.ch



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com